Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCE937
Description  CDCEx937-Q1 Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V LVCMOS Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE937 Datasheet(HTML) 1 Page - Texas Instruments

  CDCE937 Datasheet HTML 1Page - Texas Instruments CDCE937 Datasheet HTML 2Page - Texas Instruments CDCE937 Datasheet HTML 3Page - Texas Instruments CDCE937 Datasheet HTML 4Page - Texas Instruments CDCE937 Datasheet HTML 5Page - Texas Instruments CDCE937 Datasheet HTML 6Page - Texas Instruments CDCE937 Datasheet HTML 7Page - Texas Instruments CDCE937 Datasheet HTML 8Page - Texas Instruments CDCE937 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Y4
Y5
VDD
GND
Vctr
Vddout
S2/S1/S0 or
SDA/SCL
Y1
VCXO
XO
LVCMOS
3
Y2
Y3
LV
CMOS
LV
CMOS
PLL1
with SSC
LV
CMOS
LV
CMOS
LV
CMOS
PLL2
with SSC
Y6
Y7
LV
CMOS
LV
CMOS
PLL3
with SSC
Divider
and
Output
Control
Programming
and
Control Register
EEPROM
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CDCE937-Q1, CDCEL937-Q1
SCAS892C – FEBRUARY 2010 – REVISED DECEMBER 2016
CDCEx937-Q1 Programmable 3-PLL VCXO Clock Synthesizer
With 1.8-V, 2.5-V, and 3.3-V LVCMOS Outputs
1
1 Features
1
•
Qualified for Automotive Applications
•
AEC-Q100 Qualified With the Following Results:
–
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
–
Device HBM ESD Classification Level 2
–
Device CDM ESD Classification Level C4B
•
In-System Programmability and EEPROM
–
Serial Programmable Volatile Register
–
Nonvolatile EEPROM to Store Customer
Setting
•
Flexible Input Clocking Concept
–
External Crystal: 8 MHz to 32 MHz
–
On-Chip VCXO: Pull Range ±150 ppm
–
Single-Ended LVCMOS up to 160 MHz
•
Free Selectable Output Frequency up to 230 MHz
•
Low-Noise PLL Core
–
Integrated PLL Loop Filter Components
–
Low Period Jitter (Typical 60 ps)
•
Separate Output Supply Pins
–
CDCE937-Q1: 3.3 V and 2.5 V
–
CDCEL937-Q1: 1.8 V
•
Flexible Clock Driver
–
Three User-Definable Control Inputs
[S0/S1/S2]; for Example: SSC Selection,
Frequency Switching, Output Enable or Power
Down
–
Generates Highly Accurate Clocks for Video,
Audio, USB, IEEE1394, RFID, Bluetooth™,
WLAN, Ethernet™, and GPS
–
Generates Common Clock Frequencies Used
With TI-DaVinci™, OMAP™, DSPs
–
Programmable SSC Modulation
–
Enables 0-PPM Clock Generation
•
1.8-V Device Power Supply
•
Wide Temperature Range –40°C to 125°C
•
Packaged in TSSOP
•
Development and Programming Kit for Easy PLL
Design and Programming (TI Pro-Clock™)
2 Applications
•
Clusters
•
Head Units
•
Navigation Systems
•
Advanced Driver Assistance Systems (ADAS)
3 Description
The CDCE937-Q1 and CDCEL937-Q1 devices are
modular,
phase-locked
loop
(PLL)
based
programmable clock synthesizers. These devices
provide flexible and programmable options, such as
output clocks, input signals, and control pins, so that
the user can configure the CDCEx937-Q1 for their
own specifications.
The CDCEx937-Q1 generates up to seven output
clocks from a single input frequency to enable both
board space and cost savings. Additionally, with
multiple outputs, the clock generator can replace
multiple crystals with one clock generator. This
makes the device well-suited for head unit and
telematics applications in infotainment and camera
systems in ADAS as these platforms are evolving into
smaller and more cost effective systems.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CDCE937-Q1,
CDCEL937-Q1
TSSOP (20)
6.50 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Block Diagram


Similar Part No. - CDCE937

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE937 TI-CDCE937 Datasheet
376Kb / 21P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE937 TI-CDCE937 Datasheet
481Kb / 30P
Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937 TI1-CDCE937 Datasheet
902Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE937 TI1-CDCE937 Datasheet
1Mb / 39P
Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
More results

Similar Description - CDCE937

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE937 TI-CDCE937_10 Datasheet
481Kb / 30P
Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com