Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet(PDF) 10 Page - Texas Instruments

Part # CDCE937
Description  CDCEx937-Q1 Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V LVCMOS Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE937 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCE937 Datasheet HTML 6Page - Texas Instruments CDCE937 Datasheet HTML 7Page - Texas Instruments CDCE937 Datasheet HTML 8Page - Texas Instruments CDCE937 Datasheet HTML 9Page - Texas Instruments CDCE937 Datasheet HTML 10Page - Texas Instruments CDCE937 Datasheet HTML 11Page - Texas Instruments CDCE937 Datasheet HTML 12Page - Texas Instruments CDCE937 Datasheet HTML 13Page - Texas Instruments CDCE937 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
LVCMOS
LVCMOS
Typical Driver
Impedance
~ 32 :
Line Impedance
Zo = 50 :
Series
Termination
~ 18 :
CDCE937
CDCEL937
Copyright © 2016, Texas Instruments Incorporated
10 pF
LVCMOS
1 k
1 k
CDCE937
CDCEL937
Copyright © 2016, Texas Instruments Incorporated
10
CDCE937-Q1, CDCEL937-Q1
SCAS892C – FEBRUARY 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: CDCE937-Q1 CDCEL937-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
9 Parameter Measurement Information
Figure 4. Test Load
Figure 5. Test Load for 50-Ω Board Environment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com