Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDCE937
Description  CDCEx937-Q1 Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V LVCMOS Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE937 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCE937 Datasheet HTML 3Page - Texas Instruments CDCE937 Datasheet HTML 4Page - Texas Instruments CDCE937 Datasheet HTML 5Page - Texas Instruments CDCE937 Datasheet HTML 6Page - Texas Instruments CDCE937 Datasheet HTML 7Page - Texas Instruments CDCE937 Datasheet HTML 8Page - Texas Instruments CDCE937 Datasheet HTML 9Page - Texas Instruments CDCE937 Datasheet HTML 10Page - Texas Instruments CDCE937 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
CDCE937-Q1, CDCEL937-Q1
www.ti.com
SCAS892C – FEBRUARY 2010 – REVISED DECEMBER 2016
Product Folder Links: CDCE937-Q1 CDCEL937-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over recommended operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
(2)
10000 cycles.
(3)
Jitter depends on configuration. Data is taken under the following conditions: 1-PLL : fIN = 27MHz, Y2/3 = 27 MHz, (measured at Y2), 3-
PLL: fIN = 27 MHz, Y2/3 = 27 MHz (measured at Y2), Y4/5 = 16.384 MHz, Y6/7 = 74.25 MHz
(4)
The tsk(o) specification is only valid for equal loading of each bank of outputs, and outputs are generated from the same divider; data
taking on rising edge (tr).
(5)
odc depends on output rise and fall time (tr / tf).
(6)
SDA and SCL pins are 3.3 V tolerant.
tjit(cc)
Cycle-to-cycle jitter(2)(3)
1 PLL switching, Y2-to-Y3
60
90
ps
3 PLL switching, Y2-to-Y7
100
150
tjit(per)
Peak-to-peak period jitter(3)
1 PLL switching, Y2-to-Y3
70
100
ps
3 PLL switching, Y2-to-Y7
120
180
tsk(o)
Output skew (see Table 2)(4)
fOUT = 50 MHz, Y1-to-Y3
60
ps
fOUT = 50 MHz, Y2-to-Y5
160
odc
Output duty cycle(5)
fVCO = 100 MHz, Pdiv = 1
45%
55%
LVCMOS PARAMETER, Vddout = 2.5 V (CDCE937)
VOH
LVCMOS high-level output voltage
Vddout = 2.3 V, IOH = –0.1 mA
2.2
V
Vddout = 2.3 V, IOH = –6 mA
1.7
Vddout = 2.3 V, IOH = –10 mA
1.6
VOL
LVCMOS low-level output voltage
Vddout = 2.3 V, IOL = 0.1 mA
0.1
V
Vddout = 2.3 V, IOL = 6 mA
0.5
Vddout = 2.3 V, IOL = 10 mA
0.7
tPLH,
tPHL
Propagation delay
All PLL bypass
3.4
ns
tr/tf
Rise and fall time
Vddout = 2.5 V (20%–80%)
0.8
ns
tjit(cc)
Cycle-to-cycle jitter(2) (3)
1 PLL switching, Y2-to-Y3
60
90
ps
3 PLL switching, Y2-to-Y7
100
150
tjit(per)
Peak-to-peak period jitter(4)
1 PLL switching, Y2-to-Y3
70
100
ps
3 PLL switching, Y2-to-Y7
120
180
tsk(o)
Output skew (see Table 2)(4)
fOUT = 50 MHz, Y1-to-Y3
60
ps
fOUT = 50 MHz, Y2-to-Y5
160
odc
Output duty cycle(5)
f(VCO) = 100 MHz, Pdiv = 1
45%
55%
LVCMOS PARAMETER, Vddout = 1.8 V (CDCEL937)
VOH
LVCMOS high-level output voltage
Vddout = 1.7 V, IOH = –0.1 mA
1.6
V
Vddout = 1.7 V, IOH = –4 mA
1.4
Vddout = 1.7 V, IOH = –8 mA
1.1
VOL
LVCMOS low-level output voltage
Vddout = 1.7 V, IOL = 0.1 mA
0.1
V
Vddout = 1.7 V, IOL = 4 mA
0.3
Vddout = 1.7 V, IOL = 8 mA
0.6
tPLH,
tPHL
Propagation delay
All PLL bypass
2.6
ns
tr/tf
Rise and fall time
Vddout= 1.8 V (20%–80%)
0.7
ns
tjit(cc)
Cycle-to-cycle jitter(2) (3)
1 PLL switching, Y2-to-Y3
70
120
ps
3 PLL switching, Y2-to-Y7
100
150
tjit(per)
Peak-to-peak period jitter(3)
1 PLL switching, Y2-to-Y3
90
140
ps
3 PLL switching, Y2-to-Y7
120
190
tsk(o)
Output skew (see Table 2)(4)
fOUT = 50 MHz, Y1-to-Y3
60
ps
fOUT = 50 MHz, Y2-to-Y5
160
odc
Output duty cycle(5)
f(VCO) = 100 MHz, Pdiv = 1
45%
55%
SDA and SCL PARAMETER
VIK
SCL and SDA input clamp voltage
VDD = 1.7 V, II = –18 mA
–1.2
V
IIH
SCL and SDA input current
VI = VDD, VDD = 1.9 V
±10
µA
VIH
SDA and SCL input high voltage(6)
0.7 × VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com