Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCE937
Description  CDCEx937-Q1 Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V LVCMOS Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE937 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCE937 Datasheet HTML 2Page - Texas Instruments CDCE937 Datasheet HTML 3Page - Texas Instruments CDCE937 Datasheet HTML 4Page - Texas Instruments CDCE937 Datasheet HTML 5Page - Texas Instruments CDCE937 Datasheet HTML 6Page - Texas Instruments CDCE937 Datasheet HTML 7Page - Texas Instruments CDCE937 Datasheet HTML 8Page - Texas Instruments CDCE937 Datasheet HTML 9Page - Texas Instruments CDCE937 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
CDCE937-Q1, CDCEL937-Q1
SCAS892C – FEBRUARY 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: CDCE937-Q1 CDCEL937-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
(2)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
8.4 Thermal Information
over operating free-air temperature range (unless otherwise noted)
(1)
THERMAL METRIC(2)
CDCE937-Q1, CDCEL937-Q1
UNIT
PW (TSSOP)
20 PINS
RθJA
Junction-to-ambient thermal resistance
Airflow = 0 lfm
89
°C/W
Airflow = 150 lfm
75
Airflow = 200 lfm
74
Airflow = 250 lfm
74
Airflow = 500 lfm
69
RθJC(top)
Junction-to-case (top) thermal resistance
31
°C/W
RθJB
Junction-to-board thermal resistance
55
°C/W
ψJT
Junction-to-top characterization parameter
0.8
°C/W
ψJB
Junction-to-board characterization parameter
49
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
°C/W
(1)
All typical values are at respective nominal VDD.
8.5 Electrical Characteristics
over recommended operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
IDD
Supply current (see Figure 1)
All outputs off, f(CLK) = 27 MHz,
f(VCO) = 135 MHz
All PLLS on
29
mA
Per PLL
9
IDDOUT
Output supply current (see Figure 2)
No load, all outputs on,
fOUT = 27 MHz
CDCE937,
VDDOUT = 3.3 V
3.1
mA
CDCEL937,
VDDOUT = 1.8 V
1.5
IDD(PD)
Power-down current
Every circuit powered down except SDA and SCL,
fIN = 0 MHz, VDD = 1.9 V
50
µA
V(PUC)
Supply voltage Vdd threshold for power-up
control circuit
0.85
1.45
V
f(VCO)
VCO frequency range of PLL
80
230
MHz
fOUT
LVCMOS output frequency
Vddout = 3.3 V
230
MHz
Vddout = 1.8 V
230
LVCMOS PARAMETER
VIK
LVCMOS input voltage
VDD = 1.7 V, II = –18 mA
–1.2
V
II
LVCMOS input current
VI = 0 V or VDD, VDD = 1.9 V
±5
µA
IIH
LVCMOS input current for S0/S1/S2
VI = VDD, VDD = 1.9 V
5
µA
IIL
LVCMOS input current for S0/S1/S2
VI = 0 V, VDD = 1.9 V
–6
µA
CI
Input capacitance at Xin/Clk
VI(Clk) = 0 V or VDD
6
pF
Input capacitance at Xout
VI(Xout) = 0 V or VDD
2
Input capacitance at S0/S1/S2
VIS = 0 V or VDD
3
LVCMOS PARAMETER, Vddout = 3.3 V (CDCE937)
VOH
LVCMOS high-level output voltage
Vddout = 3 V, IOH = –0.1 mA
2.9
V
Vddout = 3 V, IOH = –8 mA
2.4
Vddout = 3 V, IOH = –12 mA
2.2
VOL
LVCMOS low-level output voltage
Vddout = 3 V, IOL = 0.1 mA
0.1
V
Vddout = 3 V, IOL = 8 mA
0.5
Vddout = 3 V, IOL = 12 mA
0.8
tPLH,
tPHL
Propagation delay
All PLL bypass
3.2
ns
tr/tf
Rise and fall time
Vddout= 3.3 V (20%–80%)
0.6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com