Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet(PDF) 24 Page - Texas Instruments

Part # CDCE937
Description  CDCEx937-Q1 Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V LVCMOS Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE937 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CDCE937 Datasheet HTML 20Page - Texas Instruments CDCE937 Datasheet HTML 21Page - Texas Instruments CDCE937 Datasheet HTML 22Page - Texas Instruments CDCE937 Datasheet HTML 23Page - Texas Instruments CDCE937 Datasheet HTML 24Page - Texas Instruments CDCE937 Datasheet HTML 25Page - Texas Instruments CDCE937 Datasheet HTML 26Page - Texas Instruments CDCE937 Datasheet HTML 27Page - Texas Instruments CDCE937 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
S0
VDD
VCTRL
GND
VDDOUT
Y4
XOUT
S2/SCL
S1/SDA
Y1
GND
Y2
Y3
PWM Signal
CDCE937-Q1
Y5
GND
VDDOUT
VDDOUT
Y6
Y7
Xin/CLK
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
3.3V
3.3V
3.3V
1.8V
Control Pin
I2C or Control Pin
I2C or Control Pin
CLK output
CLK output
CLK output
CLK output
CLK output
CLK output
CLK output
27MHz
Crystal
Copyright © 2016, Texas Instruments Incorporated
24
CDCE937-Q1, CDCEL937-Q1
SCAS892C – FEBRUARY 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: CDCE937-Q1 CDCEL937-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
11 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
11.1 Application Information
The CDCE937-Q1 device is an easy-to-use, high-performance, programmable CMOS clock synthesizer which
can be used as a crystal buffer, clock synthesizer with separate output supply pin. The CDCE937-Q1 device
features an on-chip loop filter and spread-spectrum modulation. Programming can be done through the I2C
interface, or previously saved settings can be loaded from on-chip EEPROM. The pins S0, S1, and S2 can be
programmed as control pins to select various output settings. This section shows some examples of using the
CDCE937-Q1 device in various applications.
11.2 Typical Application
Figure 14 shows the use of the CDCE937-Q1 device in an infotainment system, such as in head unit or
telematics applications, using a 1.8-V single supply. Note that bypass capacitors are not shown in this schematic.
Figure 14. Single-Chip Solution Using a CDCE937-Q1 Device for Generating Clocking Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com