Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 31 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 31 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 27Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 28Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 29Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 30Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 31Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 32Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 33Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 34Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 35Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 234 page
background image
Low V
CEsat transistors
Low VCEsat transistors double
Automotive-qualified
Package
SOT457
(SC-74)
DFN2020-6
(SOT1118)
DFN2020D-6
(SOT1118D)
Size (mm)
2.9 x 1.5
x 1.0
2.0 x 2.0
x 0.62
2.0 x 2.0 x 0.62
P
tot (mW)
750
1300
1300
V
CEO
(V)
I
C
(A)
Polarity
h
FE
min/typ
@ I
C
(A)
@ V
CE
(V)
V
CEsat typ
(mV);
I
C = 0.5 A;
I
B = 0.05 A
V
CEsat
max
(mV)
@ I
C
(A)
@ I
B
(A)
20
2
NPN / NPN
230
0.5
2
60
90
0.5
0.05
PBSS4220PANS
2
PNP / PNP
210
0.5
2
70
110
0.5
0.05
PBSS5220PAPS
30
1
NPN / NPN
210
0.5
2
75
100
0.5
0.05
PBSS4130PAN
PNP / PNP
170
0.5
2
85
140
0.5
0.05
PBSS5130PAP
NPN / PNP
210 / 170
0.5
2
75 / 85
100 / 140
0.5
0.05
PBSS4130PANP
2
NPN / NPN
230
0.5
2
60
80
0.5
0.05
PBSS4230PAN
PNP / PNP
210
0.5
2
75
110
0.5
0.05
PBSS5230PAP
NPN / PNP
230 / 210
0.5
2
60 / 75
80 / 100
0.5
0.05
PBSS4230PANP
40
1
NPN / PNP
300 / 250
0.5
5
130 / 150
500
1
0.1
PBSS4140DPN
2
NPN / PNP
300 / 250
0.5
5
80 / 100
400 / 530
2
0.2
PBSS4240DPN
60
1
2 x NPN
200
0.5
5
115
250
1
0.1
PBSS4160DS
2 x PNP
150
0.5
5
120
330
1
0.1
PBSS5160DS
NPN / PNP
200 / 150
0.5
5
115 / 120
250 / 330
1
0.1
PBSS4160DPN
1
NPN / NPN
150
0.5
2
90
120
0.5
0.05
PBSS4160PAN
PBSS4160PANS
PNP / PNP
120
0.5
2
125
180
0.5
0.05
PBSS5160PAP
PBSS5160PAPS
NPN / PNP
150 / 120
0.5
2
90 / 125
120 / 180
0.5
0.05
PBSS4160PANP
PBSS4160PANPS
2
NPN / NPN
210
0.5
2
70
90
0.5
0.05
PBSS4260PAN
PBSS4260PANS
PNP / PNP
140
0.5
2
100
140
0.5
0.05
PBSS5260PAP
PBSS5260PAPS
NPN / PNP
210 / 140
0.5
2
70 / 100
90 / 140
0.5
0.05
PBSS4260PANP
PBSS4260PANPS
120
1
NPN / NPN
240
0.1
2
90
120
0.5
0.05
PBSS4112PAN
PNP / PNP
190
0.1
2
150
220
0.5
0.05
PBSS5112PAP
NPN / PNP
240 / 190
0.1
2
90 / 150
120 / 220
0.5
0.05
PBSS4112PANP
1)
I
c / Ib=20
2)
Device mounted on a ceramic PCB, AI2O3, standard footprint 3) Optimized for high-speed switching
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com