Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 52 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 52 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 48Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 49Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 50Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 51Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 52Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 53Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 54Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 55Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 56Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 234 page
background image
Schottky diodes and rectifiers
General purpose Schottky diodes <= 250 mA
Automotive-qualified
Package
SOD80C
(MiniMelf)
SOD68
(DO-34)
SOT23
SOT143B
SOD123
SOD123F
SOT323
(SC-70)
SOT363
(SC-88)
SOD323F
(SC-90)
SOD323
(SC-76)
SOD523
(SC-79)
DFN1006-2
(SOD882)/ DFN1006-
3 (SOT883)
Size (mm)
3.5 x 1.5 x 1.5
3.04 x 1.6 x 0.55
2.9 x 1.3 x 1.0
2.9 x 1.3 x 1.0
2.7 x 1.6 x 1.2
2.6 x 1.6 x 1.1
2.0 x 1.25 x 0.95
2.0 x 1.25 x 0.95
1.7 x 1.25 x 0.7
1.7 x 1.25 x 0.95
1.2 x 0.8 x 0.6
1.0 x 0.6 x 0.48
Ptot (mW)
300
500
250
250
357
375
250
300
385
400
275
250
70
70
750
10
0.1
50
Single
BAS70
BAS70H
BAS70W
1PS76SB70
1PS79SB70
BAS70L
Dual series
BAS70-04
BAS70-04W
Dual c.c.
BAS70-05
BAS70-05W
Dual c.a.
BAS70-06
BAS70-06W
Dual isolated
BAS70-07
BAS70-07S
Triple isolated
Quad 2x series
BAS70XY
120
40
370
1
0.5
30
Single
RB751V40
RB751S40
RB751CS40
500
10
1
30
Single
BAS40
BAS40H
BAS40W
1PS76SB40
1PS79SB40
BAS40L
Dual series
BAS40-04
BAS40-04W
Dual c.c.
BAS40-05
BAS40-05W
Dual c.a.
BAS40-06
BAS40-06W
Dual isolated
BAS40-07
Quad c.c./c.c.
1PS88SB48
Quad 2x series
BAS40XY
200
30
300
10
30
10
Single
1PS79SB31
340
10
2
25
Single
BAT754
Dual series
BAT754S
Dual c.c.
BAT754C
Dual c.a.
BAT754A
Triple isolated
BAT754L
400
10
2
25
Single
BAS85
BAT85
BAT54
BAT54GW
BAT54H
BAT54W
BAT54J
1PS76SB10
1PS79SB10
BAT54L
Dual series
BAT54S
BAT54SW
Dual c.c.
BAT54C
BAT54CW
BAT54CM
Dual c.a.
BAT54A
BAT54AW
Dual isolated
BAT74
BAT74S
Triple isolated
Quad c.c./c.c.
Quad 2x series
BAT54XY
500
200
30
10
Single
RB521S30
RB521CS30L
600
200
1
10
Single
RB520S30
RB520CS30L
40
300
10
15
30
Single
BAT721
1PS76SB21
Dual series
BAT721S
Dual c.c.
BAT721C
Dual c.a .
BAT721A
360
10
0.5
25
Single
1PS79SB30
420
30
0.5
25
Single
BAT854W
Dual series
BAT854SW
Dual c.c.
BAT854CW
Dual c.a.
BAT854AW
50
450
10
5
40
Single
BAS86
BAT86
250
100
850
250
4
75
Single
BAT46GW
BAT46WH
BAT46WJ
Single
Dual series
Dual c.c.
Dual c.a.
Dual isolated
Triple isolated
Quad c.c./c.c.
Quad 2x series
brb131
brb123
brb128
brb122
brb124
brb125
brb126
brb127
brb129
brb130
Nexperia selection guide 2020
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com