Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 69 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 69 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 65Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 66Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 67Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 68Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 69Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 70Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 71Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 72Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 73Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 234 page
background image
69
Number of
protected lines
Configuration
Type
Package
Size (mm)
1
0
5
35
42
3.5
30
0.1
PESD5V0S1USF
DSN0603-2 (SOD962)
0.6 x 0.3 x 0.3
5.5
12
15.4
1.2
30
0.1
PESD5V0L1USF
3.3
2.6
3.1
-
9
0.1 (@ 3 V)
PESD3V3U1UL
DFN1006-2 (SOD882)
1.0 x 0.6 x 0.5
34
40
4.5
30
0.3
PESD3V3L1UL
207
300
15
30
2
PESD3V3S1UL
5
2
2.6
-
9
0.1
PESD5V0U1UL
25
30
3.5
26
0.1
PESD5V0L1UL
5
152
200
15
30
1
PESD5V0S1UL
12
38
75
5
30
0.05
PESD12VS1UL
15
32
70
5
30
0.05
PESD15VS1UL
24
23
50
3
23
0.05
PESD24VS1UL
36
18
2.5
2.5
30
0.01
PESD36VS1UL
5
25
30
3.5
26
0.1
PESD5V0L1ULD
DFN1006D-2 (SOD882D)
1.0 x 0.6 x 0.4
152
200
15
30
1
PESD5V0S1ULD
8
70
90
13
30
0.5
PESD8V0S1ULD
12
38
75
5
30
0.05
PESD12VS1ULD
15
32
70
5
30
0.05
PESD15VS1ULD
24
23
50
3
23
0.05
PESD24VS1ULD
2.5
229
300
20
30
6
PESD5Z2.5
SOD523 (SC-79)
1.2 x 0.8 x 0.6
3.3
2.6
3.1
-
9
0.1 (@ 3 V)
PESD3V3U1UB
34
40
4.5
30
0.3
PESD3V3L1UB
172
200
20
30
0.05
PESD5Z3.3
207
300
18
30
2
PESD3V3S1UB
5
2
2.6
-
9
0.1
PESD5V0U1UB
25
30
3.5
26
0.1
PESD5V0L1UB
89
150
10
30
0.05
PESD5Z5.0
152
200
15
30
1
PESD5V0S1UB
6
78
150
10
30
0.01
PESD5Z6.0
7
69
150
10
30
0.01
PESD5Z7.0
12
35
75
6
30
0.01
PESD5Z12
38
75
5
30
0.05
PESD12VS1UB
15
32
70
5
30
0.05
PESD15VS1UB
24
23
50
3
23
0.05
PESD24VS1UB
General purpose ESD protection devices
ESD protection 
Types in
bold represent new products
mse209
12
[1]
10/1000µs according to IEC 61643-321
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com