Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 85 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 85 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 81Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 82Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 83Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 84Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 85Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 86Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 87Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 88Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 89Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 234 page
background image
Package name
Type number
V
DS
[max] (V)
R
DS(on)
[max]
@ 10 V
(mΩ)
I
D
[max]
@ 25 °C
(A)
R
th(j-mb)
[max]
(K/W)
LFPAK56
BUK6Y19-30P
30
19
45
2.3
BUK6Y14-40P
40
15
64
1.4
BUK6Y33-60P
60
33
38
1.4
BUK6Y61-60P
60
61
22
2.3
Automotive MOSFETs
N-channel 100V automotive power MOSFETs
P-channel 30V-60V automotive power MOSFETs
Package name
Type number
V
DS
[max] (V)
R
DS(on)
[max]
@ 10 V
(mΩ)
R
DS(on)
[max]
@ 5 V
(mΩ)
I
D
[max]
@ 25 °C
(A)
R
th(j-mb)
[max]
(K/W)
LFPAK56D
(SOT1205)
BUK7K29-100E
100
25
29.5
2.21
BUK9K29-100E
100
27
29
30
2.21
BUK7K32-100E
100
28
29
2.36
BUK9K32-100E
100
31
33
26
2.36
BUK7K45-100E
100
38
21
2.84
BUK9K45-100E
100
42
45
21
2.84
BUK7K89-100E
100
83
13
3.96
BUK9K89-100E
100
85
89
13
3.96
BUK7K134-100E
100
121
9.8
4.68
BUK9K134-100E
100
154
159
8.5
4.68
LFPAK33
(SOT1210)
BUK9M34-100E
100
34
34
29
1.89
BUK9M43-100E
100
43
44
26
1.88
BUK9M120-100E
100
119
120
12
3.4
BUK9M156-100E
100
150
156
9.3
4.17
LFPAK88
(SOT1235)
BUK9S15-100E
100
15
BUK9S29-100E
100
29
SOT223
BUK98180-100A/CU
100
173
180
4.6
BUK9875-100A/CU
101
72
75
7
Types in
bold represent new products
Products in
bold red are under development
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com