Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 21 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 21 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 17Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 18Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 19Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 20Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 21Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 22Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 23Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 24Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 25Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 234 page
background image
Automotive-qualified
Package
SOT223
(SC-73)
SOT23
Size (mm)
6.5 x 3.5 x 1.65
2.9 x 1.3 x 1.0
P
tot (mW)
1700
950
675
Polarity
V
CEO (V)
V
EBO (V)
I
C (A)
h
FE min
h
FE max
f
T min(MHz)
NPN
45
0.5
100
250
250
BC817K-16H
160
400
400
BC817K-25H
250
600
600
BC817K-40H
80
7
1
63
250
100
BCP56H
160
100
BCP56-10H
100
250
100
BCP56-16H
45
0.5
100
250
80
BC807-16H
160
400
80
BC807-25H
250
600
80
BC807-40H
PNP
80
7
1
63
250
100
BCP53H
100
100
BCP53-10H
100
250
100
BCP53-16H
175oC capable products
General purpose bipolar transistors
Automotive-qualified
Package
SOT223
(SC-73)
SOT89
(SC-62)
DFN2020-3
(SOT1061)
DFN2020D-3
(SOT1061D)
Size (mm)
6.5 x 3.5 x 1.65
4.5 x 2.5 x 1.5
2.0 x 2.0 x 0.62
2.0 x 2.0 x 0.62
P
tot (mW)
1700
1300
1300
1300
Polarity
V
CEO (V)
I
C (mA)
h
FE min
h
FE max
f
T min
(MHz)
NPN
20
2
85 - 160
375
40
BCP68 / -25
BC868 / -25
BC68PA / BC68-25PA
BC68PAS / BC68-25PAS
45
1
63 - 100
160 - 250
100
BCP54 / -10 / -16
BCP54T / -10T / -16T
BCX54 / -10 / -16
BCX54T / -10T / -16T
BC54PA / BC54-10PA /
BC54-16PA
BC54PAS / BC54-10PAS
/ BC54-16PAS
60
1
63 - 100
160 - 250
100
BCP55 / -10 / -16
BCP55T / -10T / -16T
BCX55 / -10 / -16
BCX55T / -10T / -16T
BC55PA / BC55-10PA /
BC55-16PA
BC55PAS / BC55-10PAS
/ BC55-16PAS
100
300
100
BSP41
BSR41
80
1
63 - 100
160 - 250
100
BCP56 / -10 / -16
BCP56T / -10T / -16T
BCX56 / -10 / -16
BCX56T / -10T / -16T
BC56PA / BC56-10PA /
BC56-16PA
BC56PAS / BC56-10PAS
/ BC56-16PAS
40 - 100
120 - 300
100
BSP43
BSR43
PNP
20
2
85 - 160
250 - 375
40
BCP69 / -16 / -25
BC869 / -16 / -25
BC69PA / BC69-16PA /
BC69-25PA
BC69PAS / BC569-16PAS
/ BC69-25PAS
45
1
63 - 100
160 - 250
115 1) -
145 1)
BCP51 / -10 / -16
BCP51T / -10T / -16T
BCX51 / -10 / -16
BCX51T / -10T / -16T
BC51PA / BC51-10PA /
BC51-16PA
BC51PAS / BC51-10PAS
/ BC51-16PAS
60
1
63 - 100
160 - 250
100
BCP52 / -10 / -16
BCP52T / -10T / -16T
BCX52 / -10 / -16
BCX52T / -10T / -16T
BC52PA / BC52-10PA /
BC52-16PA
BC52PAS / BC52-10PAS
/ BC52-16PAS
40 - 100
120 - 300
100
BSP31
BSR30 / 31
80
1
63 - 100
160 - 250
115 1) -
145 1)
BCP53 / -10 / -16
BCP53T / -10T / -16T
BCX53 / -10 / -16
BCX53T / -10T / -16T
BC53PA / BC53-10PA /
BC53-16PA
BC53PAS / BC53-10PAS
/ BC53-16PAS
40 - 100
120 - 300
100
BSP32 / 33
BSR33
1)
Typical value
Medium power transistors
M3D109
Types in
bold represent new products
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com