Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 20 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 20 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 16Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 17Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 18Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 19Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 20Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 21Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 22Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 23Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 24Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 234 page
background image
Package
SOT363
(SC-88)
SOT457
(SC-74)
DFN1412-6
(SOT1268)
Size (mm)
2.0 x 1.25 x 0.95
2.9 x 1.5 x 1.0
1.4 x 1.2 x 0.5
P
tot (mW)
300
750
480
Polarity
V
CEO (V) IC (mA)
h
FE min
h
FE max fT min(MHz)
t
off (ns)
NPN
40
200
100
300
300
250
PMBT3904YS
PMBT3904RA
40
600
100
300
250
250
PMBT4401YS
300
250
PMBT2222AYS
PNP
40
200
100
300
250
300
PMBT3906YS
40
600
100
300
200
350
PMBT4403YS
60
600
100
300
200
365
PMBT2907AYS
NPN / PNP
40
200
100
300
300 / 250
250 / 300
PMBT3946YPN
300 / 200
250 / 365
NMB2227A
Switching transistors double
General purpose bipolar transistors
Switching transistors single
Package
SOT223
(SC-73)
SOT89 (SC-62) SOT23
SOT323
(SC-70)
DFN1006-3
(SOT883)
DFN1006B-3
(SOT883B)
DFN1010D-3
(SOT1215)
Size (mm)
6.5 x 3.5 x 1.65
4.5 x 2.5 x 1.5
2.9 x 1.3 x 1.0
2.0 x 1.25 x 0.95 1.0 x 0.6 x 0.48
1.0 x 0.6 x 0.37
1.1 x 1.0 x 0.37
P
tot (mW)
1700
1300
250
200
250
250
750
Polarity
V
CEO
(V)
I
C
(mA)
h
FE
min
h
FE
max
f
T min
(MHz)
t
off
(ns)
NPN
40
200
100
300
180
1200
PMBS3904
PMSS3904
15
600
40
120
500
20
PMBT2369
PMST2369
40
200
100
300
300
250
MMBT3904
PMBT3904
PMST3904
PMBT3904M
PMBT3904MB
PMBT3904QA
30
600
100
300
250
250
PMBT2222
PMST2222
40
600
100
300
250
250
PZT4401
PXT4401
PMBT4401
PMST4401
300
250
MMBT2222A
PZT2222A
PXT2222A
PMBT2222A
PMST2222A
PMBT2222AM
PMBT2222AMB
PMBT2222AQA
40
800
100
300
300
250
BSR14
PNP
40
100
100
300
150
700
PMBS3906
PMSS3906
40
200
100
300
250
300
MMBT3906
PMBT3906
PMST3906
PMBT3906M
PMBT3906MB
40
600
100
300
200
350
PZT4403
PXT4403
PMBT4403
PMST4403
365
PMBT2907
60
600
100
300
200
300
PMST2907A
365
BSR16
PZT2907A
PXT2907A
PMBT2907A
PMBT2907AM PMBT2907AMB PMBT2907AQA
M3D109
Nexperia selection guide 2020
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com