Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 98 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 98 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 94Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 95Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 96Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 97Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 98Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 99Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 100Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 101Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 102Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 234 page
background image
Small-signal MOSFETs
Small-signal MOSFETs in DFN1006 and DFN1006B packages
Small-signal MOSFETs in DFN0606
Package
DFN1006-3
(SOT883)
DFN1006B-3
(SOT883B)
Size (mm)
1.0 x 0.6 x 0.48
1.0 x 0.6 x 0.37
P
tot (mW)
250
250
Polarity
V
DS
(V)
V
GS
(V)
I
D
(A)
V
GS(th)
min
(V)
V
GS(th)
max
(V)
t
on typ
(ns)
t
off typ
(ns)
Q
G typ
(nC)
ESD
protec-
tion
(kV)
R
DS(on) typ (mΩ) @ VGS =
10 V 4.5 V 2.5 V 1.8 V 1.5 V 1.2 V
20
8
1.9
0.45
0.95
5.3
16
1.6
2
-
120
160
210
270
-
PMZ130UNE
1.6
0.45
0.95
5.3
16
1.6
2
-
170
200
240
300
-
PMZB150UNE
1
0.5
0.95
6
86
0.45
2
-
270
360
470
600
-
PMZ290UNE2
PMZB290UNE2
0.6
0.45
0.95
5.6
19
0.4
1
-
470
620
845
1125
2210
PMZ600UNE
PMZB600UNE
30
8
1.5
0.45
0.95
5
17
1.6
2
-
210
240
270
300
-
PMZ200UNE
PMZB200UNE
1
0.45
0.95
4
12
0.8
2
-
390
460
30
610
-
PMZ390UNE
PMZB390UNE
0.59
0.45
0.95
4
12
0.6
2
-
550
660
770
890
-
PMZ550UNE
PMZB550UNE
60
20
0.45
1.1
2.1
5
12
0.5
2
1000
1300
-
-
-
-
2N700BKM
2N7002BKMB
0.35
1.1
2.1
4.7
6.9
1
2
2200
2500
-
-
-
-
NX7002BKM
NX7002BKMB
20
8
1.4
0.45
0.95
4
26
1.3
1.8
-
330
420
520
-
-
PMZ350UPE
PMZB350UPE
0.5
0.45
0.95
2.3
13.5
1.19
1
-
1020
1270
1700
2300
3500
PMZ950UPE
PMZB950UPE
30
8
1
0.45
0.95
2.9
22
1.45
2
-
430
470
750
950
-
PMZ320UPE
PMZB320UPE
0.41
0.45
0.95
3
14
0.7
2
-
1200
1700
2100
3000
-
PMZ1200UPE
PMZB1200UPE
50
20
0.23
1.1
2.1
13
48
0.26
1
4500
5700
-
-
-
-
BSS84AKM
BSS84AKMB
Package
DFN0606-3 (SOT8001)
Size (mm)
0.6 x 0.6 x 0.37
P
tot (mW)
250
Polarity
V
DS
(V)
V
GS
(V)
I
D
(A)
V
GS(th)
min
(V)
V
GS(th)
max
(V)
t
on typ
(ns)
t
off typ
(ns)
Q
G typ
(nC)
ESD
protec-
tion
(kV)
R
DS(on) typ (mΩ) @ VGS =
10 V 4.5 V 2.5 V 1.8 V 1.5 V 1.2 V
20
8
0.45
0.95
5.6
19
0.4
1
-
470
620
845
1125
2210
PMH600UNE
30
8
0.45
0.95
4
12
0.6
2
-
550
660
770
890
-
PMH550UNE
60
20
1.1
2.1
4.7
6.9
1
2
2200
2500
-
-
-
-
NX7002BKH
20
8
0.45
0.95
2.3
13.5
1.19
1
-
1020
1270
1700
2300
3500
PMH950UPE
30
10
0.45
0.95
3
14
0.7
2
-
1200
1700
2100
3000
-
PMH1200UPE
Types in
bold represent new products
Nexperia selection guide 2020
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com