Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 65 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 65 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 61Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 62Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 63Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 64Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 65Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 66Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 67Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 68Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 69Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 234 page
background image
65
Automotive ESD protection and TVS 
TVS 400 W
Type
(Tj max = 150 °C)
Type
(Tj max = 185 °C)
Package
Size (mm)
350
3.5
5.20
5.60
6.00
10
8.0
43.8
5
600
PTVS3V3S1UR
PTVS3V3S1UTR
SOD123W
2.6 x 1.7 x 1.0
400
5.0
6.40
6.70
7.00
10
9.2
43.5
5
400
PTVS5V0S1UR
PTVS5V0S1UTR
6.0
6.67
7.02
7.37
10
10.3
38.8
5
400
PTVS6V0S1UR
PTVS6V0S1UTR
6.5
7.22
7.60
7.98
10
11.2
35.7
5
250
PTVS6V5S1UR
PTVS6V5S1UTR
7.0
7.78
8.20
8.60
10
12.0
33.3
3
100
PTVS7V0S1UR
PTVS7V0S1UTR
7.5
8.33
8.77
9.21
1
12.9
31.0
0.2
50
PTVS7V5S1UR
PTVS7V5S1UTR
8.0
8.89
9.36
9.83
1
13.6
29.4
0.03
25
PTVS8V0S1UR
PTVS8V0S1UTR
8.5
9.44
9.92
10.40
1
14.4
27.8
0.01
10
PTVS8V5S1UR
PTVS8V5S1UTR
9.0
10.00
10.55
11.10
1
15.4
26.0
0.005
5
PTVS9V0S1UR
PTVS9V0S1UTR
10
11.10
11.70
12.30
1
17.0
23.5
0.005
2.5
PTVS10VS1UR
PTVS10VS1UTR
11
12.20
12.85
13.50
1
18.2
22.0
0.005
2.5
PTVS11VS1UR
PTVS11VS1UTR
12
13.30
14.00
14.70
1
19.9
20.1
0.005
2.5
PTVS12VS1UR
PTVS12VS1UTR
13
14.40
15.15
15.90
1
21.5
18.6
0.001
0.1
PTVS13VS1UR
PTVS13VS1UTR
14
15.60
16.40
17.20
1
23.2
17.2
0.001
0.1
PTVS14VS1UR
PTVS14VS1UTR
15
16.70
17.60
18.50
1
24.4
16.4
0.001
0.1
PTVS15VS1UR
PTVS15VS1UTR
16
17.80
18.75
19.70
1
26.0
15.4
0.001
0.1
PTVS16VS1UR
PTVS16VS1UTR
17
18.90
19.90
20.90
1
27.6
14.5
0.001
0.1
PTVS17VS1UR
PTVS17VS1UTR
18
20.00
21.00
22.10
1
29.2
13.7
0.001
0.1
PTVS18VS1UR
PTVS18VS1UTR
20
22.20
23.35
24.50
1
32.4
12.3
0.001
0.1
PTVS20VS1UR
PTVS20VS1UTR
22
24.40
25.60
26.90
1
35.5
11.3
0.001
0.1
PTVS22VS1UR
PTVS22VS1UTR
24
26.70
28.10
29.50
1
38.9
10.3
0.001
0.1
PTVS24VS1UR
PTVS24VS1UTR
26
28.90
30.40
31.90
1
42.1
9.5
0.001
0.1
PTVS26VS1UR
PTVS26VS1UTR
28
31.10
32.80
34.40
1
45.4
8.8
0.001
0.1
PTVS28VS1UR
PTVS28VS1UTR
30
33.30
35.10
36.80
1
48.4
8.3
0.001
0.1
PTVS30VS1UR
PTVS30VS1UTR
33
36.70
38.70
40.60
1
53.3
7.5
0.001
0.1
PTVS33VS1UR
PTVS33VS1UTR
36
40.00
42.10
44.20
1
58.1
6.9
0.001
0.1
PTVS36VS1UR
PTVS36VS1UTR
40
44.40
46.80
49.10
1
64.5
6.2
0.001
0.1
PTVS40VS1UR
PTVS40VS1UTR
43
47.80
50.30
52.80
1
69.4
5.8
0.001
0.1
PTVS43VS1UR
PTVS43VS1UTR
45
50.00
52.65
55.30
1
72.7
5.5
0.001
0.1
PTVS45VS1UR
PTVS45VS1UTR
48
53.30
56.10
58.90
1
77.4
5.2
0.001
0.1
PTVS48VS1UR
PTVS48VS1UTR
51
56.70
59.70
62.70
1
82.4
4.9
0.001
0.1
PTVS51VS1UR
PTVS51VS1UTR
54
60.00
63.15
66.30
1
87.1
4.6
0.001
0.1
PTVS54VS1UR
PTVS54VS1UTR
58
64.40
67.80
71.20
1
93.6
4.3
0.001
0.1
PTVS58VS1UR
PTVS58VS1UTR
60
66.70
70.20
73.70
1
96.8
4.1
0.001
0.1
PTVS60VS1UR
PTVS60VS1UTR
64
71.10
74.85
78.60
1
103.0
3.9
0.001
0.1
PTVS64VS1UR
PTVS64VS1UTR
[1]
10/1000µs according to IEC 61643-321
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com