Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 68 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 68 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 64Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 65Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 66Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 67Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 68Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 69Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 70Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 71Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 72Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 234 page
background image
Low capacitance ESD protection for high-speed interfaces
ESD protection 
Configuration
Type
Package
Size (mm)
2
1
5
0.5
10
PESD5V0X2UMB
DFN1006B-3 (SOT883B)
1.0 x 0.6 x 0.37
PESD5V0X2UM
DFN1006-3 (SOT883)
1.0 x 0.6 x 0.48
0.8
15
PESD5V0X2UAMB
DFN1006B-3 (SOT883B)
1.0 x 0.6 x 0.37
PESD5V0X2UAM
DFN1006-3 (SOT883)
1.0 x 0.6 x 0.48
0.9
9
PESD5V0X1BT
SOT23
2.9 x 1.3 x 1.0
0
80
0.6
30
NUP1301U
SOT323
2.0 x 1.25 x 0.95
NUP1301
SOT23
2.9 x 1.3 x 1.0
NUP1301QA
SOT1215
1.0 x 1.0 x 0.4
0
2
4
0.26
20
PUSB3BB2DF
DFN0603-3 (SOT8013)
0.62 x 0.32 x 0.25
3
0
5.5
1
8
PRTR5V0U2X
SOT143B
2.9 x 1.3 x 1.0
1.8
12
PRTR5V0U2AX
1
8
PRTR5V0U2F
DFN1410-6 (SOT886)
1.45 x 1.0 x 0.48
4
0
3.3
0.75
25
PESD3V3X4UHM
DFN1308-6 (SOT8006)
1.3 x 0.8 x 0.4
5.5
1
8
IP4220CZ6
SOT457 (SC-74)
2.9 x 1.5 x 1.0
PRTR5V0U4D
0.7
12
PUSB2X4D
2.9 x 1.5 x 1.0
PUSB2X4Y
SOT363 (SC-88)
2.0 x 1.25 x 0.95
0.6
8
IP4283CZ10-TBR
DFN2510A-10 (SOT1176)
2.5 x 1.0 x 0.48
0.5
10
IP4294CZ10-TBR
PUSB3F96
PHDMI2F4
3.3
0.27
15
PUSB3FR4
5
PHDMI2FR4
0
4
3.3
0.17
PUSB3AB4
5
PHDMI2AB4
brb051
1
2
3
006aaa482
4
1
3
2
006aaa156
6
1
5
2
4
3
PIMC31_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 24 March 2009
2 of 13
NXP Semiconductors
PIMC31
500 mA, 50 V NPN/PNP double RET; R1 = 1 kW, R2 = 10 kW
2. Pinning information
3. Ordering information
4. Marking
5. Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
GND (emitter) TR1
2
input (base) TR1
3
output (collector) TR2
4
GND (emitter) TR2
5
input (base) TR2
6
output (collector) TR1
13
2
4
5
6
65
4
1
23
R2
TR1
TR2
R1
R2
R1
006aaa143
Table 3.
Ordering information
Type number Package
Name
Description
Version
PIMC31
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
Table 4.
Marking codes
Type number
Marking code
PIMC31
ZH
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
5
V
VI
input voltage TR1
positive
-
+10
V
negative
-
−
5V
input voltage TR2
positive
-
+5
V
negative
-
−
10
V
24
3, 8 001aai619
1
5
PUSB3F97
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 10 May 2017
2 of 14
Nexperia
PUSB3F97
ESD protection for ultra high-speed interfaces
2. Pinning information
3. Ordering information
4. Marking
5. Limiting values
[1] All pins to ground.
Table 1.
Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
CH1
channel 1 ESD protection
2
CH2
channel 2 ESD protection
3
GND
ground
4
CH3
channel 3 ESD protection
5
CH4
channel 4 ESD protection
6
n.c.
not connected
7
n.c.
not connected
8
GND
ground
9
n.c.
not connected
10
n.c.
not connected
Table 2.
Ordering information
Type number
Package
Name
Description
Version
PUSB3F97
DFN2510A-10
plastic extremely thin small outline package; no leads;
10 terminals; body 1  2.5  0.5 mm
SOT1176-1
Table 3.
Marking codes
Type number
Marking code
PUSB3F97
96
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
0.5
+5.5
V
VESD
electrostatic discharge voltage
IEC 61000-4-2, level 4
[1]
contact discharge
10
+10
kV
air discharge
15
+15
kV
Tamb
ambient temperature
40
+85
C
Tstg
storage temperature
55
+125
C
Nexperia
NUP1301QA
Ultra low capacitance ESD protection array
NUP1301QA
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved
Product data sheet
13 November 2017
2 / 13
5. Pinning information
Table 2. Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
A1
anode (diode 1)
2
K2
cathode (diode 2)
3
K1, A2
cathode (diode 1) and anode
(diode 2)
4
K1, A2
cathode (diode1) and anode
(diode2)
Transparent top view
1
2
3
4
DFN1010D-3 (SOT1215)
aaa-022858
A1
K2
K1, A2
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
NUP1301QA
DFN1010D-3
DFN1010D-3: plastic thermal enhanced ultra thin small outline
package; no leads; 3 terminals; body 1.1 x 1.0 x 0.37 mm
SOT1215
7. Marking
Table 4. Marking codes
Type number
Marking code
NUP1301QA
X 110
MARKING CODE
(EXAMPLE)
PIN 1
INDICATION MARK
VENDOR CODE
YEAR DATE
CODE
READING
DIRECTION
READING EXAMPLE:
11
01
10
aaa-008041
MARK-FREE AREA
Fig. 1. DFN1010D-3 (SOT1215) binary marking code description
© Nexperia B.V. 2017. All rights reserved
IP4220CZ6
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 5 — 8 July 2011
2 of 9
Nexperia
IP4220CZ6
Dual USB 2.0 integrated ESD protection
2. Pinning information
3. Ordering information
4. Marking
5. Limiting values
6. Recommended operating conditions
Table 1.
Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
I/O 1
ESD protection
2
GND
ground
3
I/O 2
ESD protection
4
I/O 3
ESD protection
5VP
supply voltage
6
I/O 4
ESD protection
13
2
4
56
018aaa142
1
2
3
6
5
4
Table 2.
Ordering information
Type number
Package
Name
Description
Version
IP4220CZ6
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
Table 3.
Marking codes
Type number
Marking code
IP4220CZ6
20
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max Unit
VI
input voltage
0
5.5
V
VESD
electrostatic discharge
voltage
IEC 61000-4-2, level 4,
contact; all pins
8
+8
kV
Tstg
storage temperature
55
+125 C
Table 5.
Operating conditions
Symbol Parameter
Conditions
Min
Typ
Max Unit
Tamb
ambient temperature
40
-
+85
C
Nexperia
IP4285CZ6-TD
ESD protection for high-speed interfaces
4. Pinning information
Table 1. Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
LINE1
line 1 ESD protection for I/O
signals
2
GND
ground
3
LINE3
line 3 ESD protection for I/O
signals
4
LINE4
line 4 ESD protection for I/O
signals
5
n.c
not connected
6
LINE6
line 6 ESD protection for I/O
signals
1
3
2
4
5
6
TSOP6 (SOT457)
3
4
2
1
6
018aaa176
5. Ordering information
Table 2. Ordering information
Package
Type number
Name
Description
Version
IP4285CZ6-TD
TSOP6
plastic, surface-mounted package (SC-74)
SOT457
6. Marking
Table 3. Marking codes
Type number
Marking code
IP4285CZ6-TD
85
IP4285CZ6-TD
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
31 July 2018
2 / 10
Nexperia
PUSB3FR4
ESD protection for ultra high-speed interfaces
4. Pinning information
Table 1. Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
CH1
channel 1 ESD protection
2
CH2
channel 2 ESD protection
3
GND
ground
4
CH3
channel 3 ESD protection
5
CH4
channel 4 ESD protection
6
n.c.
not connected
7
n.c.
no connection
8
GND
ground
9
n.c.
not connected
10
n.c.
not connected
Transparent top view
10 9
8
7
6
1
2
3
4
5
DFN2510A-10 (SOT1176-1)
CH1
CH2
CH3
CH4
GND
=
aaa-016329
5. Ordering information
Table 2. Ordering information
Package
Type number
Name
Description
Version
PUSB3FR4
DFN2510A-10 plastic, leadless extremely thin small outline package; 10
terminals; 0.5 mm pitch; 2.5 mm x 1 mm x 0.5 mm body
SOT1176-1
6. Marking
Table 3. Marking codes
Type number
Marking code
PUSB3FR4
FR
PUSB3FR4
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
12 July 2018
2 / 15
Nexperia
PHDMI2AB4
ESD protection for ultra high-speed interfaces
4. Pinning information
Table 1. Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
LINE1
line 1 ESD protection
2
LINE2
line 2 ESD protection
3
GND
ground
4
LINE3
line 3 ESD protection
5
LINE4
line 4 ESD protection
6
n.c.
not connected
7
n.c.
not connected
8
GND
ground
9
n.c.
not connected
10
n.c.
not connected
Transparent top view
10 9
8
7
6
1
2
3
4
5
DFN2510A-10 (SOT1176-1)
aaa-019396
CH1
CH2
CH3
CH4
GND
=
5. Ordering information
Table 2. Ordering information
Package
Type number
Name
Description
Version
PHDMI2AB4
DFN2510A-10 plastic, leadless extremely thin small outline package; 10
terminals; 0.5 mm pitch; 2.5 mm x 1 mm x 0.5 mm body
SOT1176-1
6. Marking
Table 3. Marking codes
Type number
Marking code
PHDMI2AB4
AB
PHDMI2AB4
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
8 June 2018
2 / 14
Products in
bold red are under development
Nexperia
PUSB3AB2DF
Extremely low clamping low capacitance ESD protection
reverse
dI
dV
Vhold
Ihold
It1
Vt1
V
I
forward
aaa-027670
VRWM
Rdyn = dV/dI
Fig. 9. V-I characteristics for a bidirectional ESD protection diode
10. Application information
The device is designed for the protection of two signal lines from surge pulses and ESD damage.
The device is suitable on lines where the signal polarities are both, positive and negative with
respect to ground.
The device uses an advanced clamping structure showing a negative dynamic resistance. This
snap-back behavior strongly reduces the clamping voltage system behind the ESD protection
during an ESD event. Do not connect unlimited DC current sources to the data lines to avoid
keeping the ESD protection device snap-back state after exceeding breakdown voltage (due to an
ESD pulse for instance).
aaa-030287
ESD protection diode
GND
lines to be protected
Fig. 10. Application diagram
Circuit board layout and protection device placement
Circuit board layout is critical for the suppression of ESD, Electrical Fast Transient (EFT) and surge
transients. The following guidelines are recommended:
1. Place the device as close to the input terminal or connector as possible.
2. Minimize the path length between the device and the protected line.
3. Keep parallel signal paths to a minimum.
4. Avoid running protected conductors in parallel with unprotected conductors.
5. Minimize all Printed-Circuit Board (PCB) conductive loops including power and ground loops.
6. Minimize the length of the transient return path to ground.
7. Avoid using shared transient return paths to a common ground point.
8. Use ground planes whenever possible. For multilayer PCBs, use ground vias.
PUSB3AB2DF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
22 November 2019
6 / 11
aaa-030288
Nexperia selection guide 2020
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com