Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 46 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 46 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 42Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 43Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 44Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 45Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 46Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 47Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 48Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 49Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 50Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 234 page
background image
Switching diodes
Automotive-qualified
Package
SOD80C
(MiniMelf)
SOT23
SOT143B
SOT323
(SC-70)
SOT363
(SC-88)
DFN1412-6
(SOT1268)
DFN1010D-3
(SOT1215)
DFN1006-3
(SOT883)
Size (mm)
3.5 x 1.5 x 1.5
2.9 x 1.3 x 1.0
2.9 x 1.3 x 1.0
2.0 x 1.25 x 0.95 2.0 x 1.25 x 0.95
1.4 x 1.2 x 0.5
1.1 x 1.0 x 0.37
1.0 x 0.6 x 0.48
P
tot (mW)
400
250
250
200
350
480
325
250
50
1
50
100
50
4
BAL74
BAV74
70
1
50
1000
70
4
BAL99
75
1
50
1000
75
4
BAS28
100 5000
75
4
BAS32L
80
1
50
500
80
4
1PS300
1PS301
1PS302
90
1
50
500
80
4
BAW56
BAW56W
BAW56QA
BAW56M
BAW56S
BAW56SRA
BAV756S
General purpose, high speed switching diodes <= 90V
bra046
bra036
bra037
bra143
bra143
bra046
bra041
Nexperia selection guide 2020
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com