Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 19 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 19 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 15Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 16Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 17Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 18Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 19Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 20Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 21Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 22Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 23Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 234 page
background image
Automotive-qualified
Package
SOT23
SOT323
(SC-70)
DFN1010D-3
(SOT1215)
DFN1006-3
(SOT883)
DFN1006B-3
(SOT883B)
DFN1110D-3
(SOT8015)
DFN1412D-3
(SOT8009)
Size (mm)
2.9 x 1.3 x 1.0
2.0 x 1.25 x 0.95
1.1 x 1.0 x 0.37
1.0 x 0.6 x 0.48
1.0 x 0.6 x 0.37
1.1 x 1.0 x 0.47
1.4 x 1.2 x 0.47
P
tot (mW)
250
200
750
250
250
280
325
V
CEO (V)
I
C (mA)
h
FE min/typ hFE max
f
T min (MHz)
50
500
85 - 170
170 - 340
100 - 140
2PB710ARL
2PB710ASL
2PB1219AQ / R / S
60
500
100
-
50
PMSTA55
80
500
100
-
50
PMBTA06
PMSTA06
80
500
100 -160
250 -400
80
BC806-16 / -25
BC806-16W /-25W
45
800
100-250
250-600
80
BCW68F/G/H
Automotive-qualified
Package
SOT23
Size (mm)
2.9 x 1.3 x 1.0
P
tot (mW)
775
Polarity
V
CEO (V)
V
ebo (V)
I
C (mA)
h
FE min
h
FE max
f
T min
(MHz)
NPN
45
5
0.5
100
250
100
BC817K-16
160
400
100
BC817K-25
250
600
100
BC817K-40
PNP
45
5
0.5
100
250
80
BC807K-16
160
400
80
BC807K-25
250
600
80
BC807K-40
Automotive-qualified
Package
SOT457
(SC-74)
SOT363
(SC-88)
DFN1412-6
(SOT1268)
DFN1010B-6
(SOT1216)
Size (mm)
2.9 x 1.5 x 1.0
2.0 x 1.25 x 0.95
1.4 x 1.2 x 0.5
1.0 x 1.0 x 0.37
P
tot (mW)
750
300
480
350
Polarity
V
CEO (V)
I
C (mA)
h
FE min
h
FE max
f
T min
(MHz)
NPN
40
100
120
450
100
PUMX1
45
100
200
450
100
BC847DS
BC847BS
BC847RA
BC847QAS
65
100
110
-
100
BC846S
200
450
100
BC846DS
BC846BS
50
150
120
560
100
PUMX2
45
500
160
400
80
BC817DS
BC817RA
PNP
40
100
120
450
100
PIMT1
PUMT1
45
100
200
450
100
BC857BS
BC857RA
BC857QAS
65
100
110
-
100
BC856S
200
450
100
BC856BS
45
500
160
400
80
BC807DS
BC807RA
NPN / PNP
40
100
120
450
100
PUMZ1
45
100
200
450
100
BC847BPN
BC847RAPN
BC847QAPN
50
100
120
560
100
PIMZ2
PUMZ2
65
100
200
450
100
BC846BPN
45
500
160
160
100 / 800
BC817DPN
BC817RAPN
High performance transistors (superior power dissipation)
Transistors double
Transistors single PNP
General purpose bipolar transistors
Types in
bold represent new products
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com