Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 70 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 70 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 66Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 67Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 68Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 69Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 70Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 71Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 72Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 73Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 74Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 234 page
background image
ESD protection 
Types in
bold represent new products
General purpose ESD protection devices
Number of
protected lines
Configuration
Type
Package
Size (mm)
1
0
3.3
2.6
3.1
-
9
0.1 (@ 3 V)
PESD3V3U1UA
SOD323 (SC-76)
1.7 x 1.25 x 0.95
5
2
2.6
-
9
0.1
PESD5V0U1UA
25
30
3.5
26
0.1
PESD5V0L1UA
480
530
47
30
4
PESD5V0S1UA
12
160
180
22.5
30
0.1
PESD12VS1UA
24
23
50
3
23
0.05
PESD24VS1UA
5
480
530
47
30
4
PESD5V0S1UJ
SOD323F (SC-90)
1.7 x 1.25 x 0.7
12
160
180
22.5
30
0.1
PESD12VS1UJ
36
18
30
2.5
30
0.01
PESD36VS1UJ
0
1
5.5
8.6
10.3
-
25
0.1
PESD5V5V1BCSN
SOD992B
0.43 x 0.23 x 0.12
3.3
5.5
6
5.4
20
0.1
PESD3V3U1BCSF
DSN0603-2 (SOD962)
0.6 x 0.3 x 0.3
8.5
10
7.1
30
0.1
PESD3V3V1BCSF
5.5
5.3
6
1
20
0.1
PESD5V0V1BCSF
2
20
0.1
PESD5V0V1BDSF
4.5
1
15
0.1
PESD5V0V1BSF
12
15.4
3
30
0.1
PESD5V0L1BSF
35
45
8
30
0.1
PESD5V0S1BSF
12
17
19
6.1
30
0.05
PESD12VA-SF
16
5.7
6.5
1.3
12
0.05
PESD16VV1BSF
18
4
6
3
25
0.1
PESD18VV1BBSF
3.3
101
-
18
30
2
PESD3V3L1BA
SOD323 (SC-76)
1.7 x 1.25 x 0.95
5
75
-
15
30
1
PESD5V0L1BA
12
19
-
5
30
0.05
PESD12VL1BA
15
16
-
5
30
0.05
PESD15VL1BA
24
11
-
3
23
0.05
PESD24VL1BA
32
9
12
2.5
23
0.05
PESD32VL1BA
36
9
12
2
18
0.05
PESD36VL1BA
24
14
17
3.5
30
0.05
PESD24VV1BA
27
13
17
3
30
0.05
PESD27VV1BA
3.3
11
13
5
30
0.01
PESD3V3V1BL
DFN1006-2 (SOD882)
22
30
10
30
0.05
PESD3V3T1BL
35
40
15
30
0.1
PESD3V3S1BL
65
78
34
30
0.05
PTVS3V3D1BAL
4.5
65
78
34
30
0.05
PTVS4V5D1BL
5
11
13
4.8
30
0.01
PESD5V0V1BL
mse209
12
mse211
[1]
10/1000µs according to IEC 61643-321
Nexperia selection guide 2020
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com