Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 82 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 82 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 78Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 79Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 80Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 81Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 82Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 83Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 84Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 85Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 86Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 234 page
background image
N-channel 55V-60V automotive power MOSFETs
Package name
Type number
V
DS
[max] (V)
R
DS(on)
[max]
@ 10 V
(mΩ)
R
DS(on)
[max]
@ 5 V
(mΩ)
I
D
[max]
@ 25 °C
(A)
R
th(j-mb)
[max]
(K/W)
LFPAK56;
Power-SO8
(SOT669)
BUK9Y4R8-60E
60
4.1
4.8
100
0.63
BUK7Y4R8-60E
60
4.8
100
0.63
BUK9Y6R0-60E
60
5.2
6
100
0.77
BUK9Y7R2-60E
60
5.6
7.2
100
0.9
BUK7Y6R0-60E
60
6
100
0.77
BUK7Y7R2-60E
60
7.2
100
0.9
BUK9Y8R7-60E
60
7.5
8.7
86
1.02
BUK7Y8R7-60E
60
8.7
87
1.02
BUK7Y15-60E
60
15
53
1.59
BUK9Y25-60E
60
22
25
34
2.31
BUK7Y25-60E
60
25
34
2.31
BUK9Y43-60E
60
38
43
22
3.33
BUK7Y43-60E
60
43
22
3.33
BUK9Y59-60E
60
52
59
17
4.03
BUK7Y59-60E
60
59
17
4.03
LFPAK56D
(SOT1205)
BUK7K12-60E
60
9.3
2.21
BUK7K13-60E
60
10
40
2.36
BUK9K12-60E
60
11
12
35
2.21
BUK9K13-60E
60
12
13
40
2.36
BUK7K17-60E
60
14
30
2.84
BUK7K35-60E
60
30
21
3.96
BUK9K35-60E
60
32
35
22
3.96
BUK7K52-60E
60
45
15
4.68
BUK9K52-60E
60
49
55
16
4.68
LFPAK33
(SOT1210)
BUK7M9R9-60E
60
9.9
60
1.89
BUK9M12-60E
60
11
12
54
1.89
BUK7M12-60E
60
12
53
2
BUK9M15-60E
60
13
15
47
2
BUK7M15-60E
60
15
43
2.43
BUK9M19-60E
60
17
19
38
2.43
BUK7M19-60E
60
19
36
2.75
BUK9M24-60E
60
21
24
32
2.75
BUK7M33-60E
60
33
3.4
BUK9M42-60E
60
37
42
22
3.4
BUK7M42-60E
60
42
20
4.17
BUK9M53-60E
60
46
53
17
4.17
BUK7M67-60E
60
67
14
4.8
BUK9M85-60E
60
73
85
13
4.8
LFPAK88
(SOT1235)
BUK9S9R0-60E
60
9
SOT223
BUK9832-55A/CU
55
29
32
12
15
BUK9880-55A/CU
55
73
80
7
15
BUK7880-55A/CU
55
80
7
15
BUK98150-55A/CU
55
137
150
5.5
BUK78150-55A/CU
55
150
5.5
Automotive MOSFETs
Products in
bold red are under development
Nexperia selection guide 2020
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com