Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 78 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 78 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 74Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 75Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 76Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 77Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 78Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 79Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 80Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 81Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 82Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 234 page
background image
Automotive MOSFETs
Segment
BUK automotive grade
R
DS(on) max rating
e.g. 1R0 = 1.0 mΩ
e.g. 10 = 10 mΩ
N-channel technology
E = Trench 6
H = Trench 9
P-channel technology
P = P-Channel
Gate level
6 = Intermediate level
7 = Standard level
9 = Logic level
Package
6 = D2PAK
D = DFN2020MD-6
J = LFPAK56E (SOT1023)
K = LFPAK56D (SOT1205)
M = LFPAK33 (SOT1210)
S = LFPAK88 (SOT1235)
Y = LFPAK56 (SOT669)
Voltage rating
V
DS rating
BUK 7 S 1R0 - 40 H
Automotive grade MOSFETs nomenclature
N-channel 30V automotive power MOSFETs
Package name
Type number
V
DS
[max] (V)
R
DS(on)
[max]
@ 10 V
(mΩ)
R
DS(on)
[max]
@ 5 V
(mΩ)
I
D
[max]
@ 25 °C
(A)
R
th(j-mb)
[max]
(K/W)
LFPAK56;
Power-SO8
(SOT669)
BUK9Y07-30B
30
6
7
75
1.42
BUK9Y22-30B
30
19
22
38
2.53
BUK7Y20-30B
30
20
40
2.53
LFPAK56D
(SOT1205)
BUK9K5R1-30E
30
4.4
5.3
40
2.21
BUK9K5R6-30E
30
4.7
5.8
40
2.36
BUK7K5R1-30E
30
5.1
40
2.21
BUK7K5R6-30E
30
5.6
40
2.36
LFPAK33
(SOT1210)
BUK9M5R2-30E
30
4.1
5.2
70
1.89
BUK9M6R6-30E
30
5.3
6.6
70
2
BUK9M10-30E
30
7.8
10
54
2.75
BUK9M17-30E
30
14
17
37
3.4
Nexperia selection guide 2020
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com