| Electronic Components Datasheet Search |
|
BAS16QB Datasheet(PDF) 117 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
BAS16QB Datasheet(HTML) 117 Page - Nexperia B.V. All rights reserved |
|
117 / 234 page ![]() Automotive analog & logic ICs Digital multiplexers Type number Description Features Package (suffix) 74AHC157-Q100 Quad 2-input multiplexer 2.0 - 5.5 ± 8 3.2 -40 to 125 • • • 74AHCT157-Q100 Quad 2-input multiplexer; TTL-enabled 4.5 - 5.5 ± 8 3.2 -40 to 125 • • • 74AHC257-Q100 Quad 2-input multiplexer (3-State) 2.0 - 5.5 ± 8 2.9 -40 to 125 • • 74AHCT257-Q100 Quad 2-input multiplexer; TTL-enabled (3-State) 4.5 - 5.5 ± 8 3.7 -40 to 125 • • 74HC151-Q100 8-input multiplexer 2.0 - 6.0 ± 5.2 17 -40 to 125 • • 74HCT151-Q100 8-input multiplexer; TTL-enabled 4.5 - 5.5 ± 4 19 -40 to 125 • • 74HC153-Q100 Dual 4-input multiplexer 2.0 - 6.0 ± 5.2 17 -40 to 125 • • 74HCT153-Q100 Dual 4-input multiplexer; TTL-enabled 4.5 - 5.5 ± 4 19 -40 to 125 • • 74HC157-Q100 Quad 2-input multiplexer 2.0 - 6.0 ± 5.2 11 -40 to 125 • • • 74HCT157-Q100 Quad 2-input multiplexer; TTL-enabled 4.5 - 5.5 ± 4 13 -40 to 125 • • • 74HC251-Q100 8-input multiplexer (3-State) 2.0 - 6.0 ± 5.2 18 -40 to 125 • • 74HCT251-Q100 8-input multiplexer; TTL-enabled (3-State) 4.5 - 5.5 ± 4 22 -40 to 125 • • 74HC253-Q100 Dual 4-input multiplexer (3-State) 2.0 - 6.0 ± 7.8 17 -40 to 125 • 74HCT253-Q100 Dual 4-input multiplexer; TTL-enabled (3-State) 4.5 - 5.5 ± 6 17 -40 to 125 • 74HC257-Q100 Quad 2-input multiplexer (3-State) 2.0 - 6.0 ± 7.8 11 -40 to 125 • • 74HCT257-Q100 Quad 2-input multiplexer; TTL-enabled (3-State) 4.5 - 5.5 ± 6 13 -40 to 125 • • 74LVC157A-Q100 Quad 2-input multiplexer 1.2 - 3.6 ± 24 2.5 -40 to 125 • • • Flip-flops Type number Description Features Package (suffix) 74AHC74-Q100 Dual D-type flip-flop with set and reset; positive-edge trigger 2.0 - 5.5 ± 8 3.7 -40 to 125 • • • 74AHCT74-Q100 Dual D-type flip-flop with set and reset; positive-edge trigger; TTL-enabled 4.5 - 5.5 ± 8 3.3 -40 to 125 • • • 74AHC273-Q100 Octal D-type flip-flop with reset; positive-edge trigger 2.0 - 5.5 ± 8 4.2 -40 to 125 • • • 74AHCT273-Q100 Octal D-type flip-flop with reset; positive-edge trigger; TTL-enabled 4.5 - 5.5 ± 8 4.0 -40 to 125 • • • 74AHC374-Q100 Octal D-type flip-flop; positive-edge trigger 2.0 - 5.5 ± 8 4.4 -40 to 125 • • 74AHCT374-Q100 Octal D-type flip-flop; positive-edge trigger (3-state); TTL-enabled (3-state) 4.5 - 5.5 ± 8 4.3 -40 to 125 • • 74AHC377-Q100 Octal D-type flip-flop with data enable; positive-edge trigger 2.0 - 5.5 ± 8 3.9 -40 to 125 • 74AHCT377-Q100 Octal D-type flip-flop with data enable; positive-edge trigger; TTL-enabled 4.5 - 5.5 ± 8 4.0 -40 to 125 • • 74AVC16374-Q100 16-bit D-type flip-flop; positive-edge trigger (3-state) 1.2 - 3.6 ± 12 1.5 -40 to 85 • 117 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |