Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 132 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 132 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 128Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 129Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 130Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 131Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 132Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 133Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 134Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 135Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 136Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 234 page
background image
Automotive analog & logic ICs
Type number
Description
Features
Package (suffix)
74HCT2G02-Q100
Dual 2-input NOR gate; TTL-enabled
4.5 - 5.5
± 4
12
-40 to 125
•
•
74HC2G08-Q100
ual 2-input AND gate
2.0 - 6.0
± 5.2
9.0
-40 to 125
•
•
74HCT2G08-Q100
Dual 2-Input AND gate; TTL-enabled
4.5 - 5.5
± 4
14
-40 to 125
•
•
74HC2G32-Q100
Dual 2-input OR gate
2.0 - 6.0
± 5.2
9.0
-40 to 125
•
•
74HCT2G32-Q100
Dual 2-input OR gate; TTL-enabled
4.5 - 5.5
± 4.0
13
-40 to 125
•
•
74HC2G86-Q100
Dual 2-input EXCLUSIVE-OR gate
2.0 - 6.0
± 5.2
9.0
-40 to 125
•
•
74HCT2G86-Q100
Dual 2-input EXCLUSIVE-OR gate; TTL-enabled
4.5 - 5.5
± 4.0
11
-40 to 125
•
•
74HCT1G86-Q100
Single 2-input EXCLUSIVE-OR gate; TTL-enabled
4.5 - 5.5
± 2.0
10
-40 to 125
•
•
74LVC1G00-Q100
Single 2-input NAND gate
1.65 - 5.5
± 32
2.2
-40 to 125
•
•
74LVC1G02-Q100
Single 2-input NOR gate
1.65 - 5.5
± 32
2.1
-40 to 125
•
•
74LVC1G08-Q100
Single 2-input AND gate
1.65 - 5.5
± 32
2.1
-40 to 125
•
•
74LVC1G10-Q100
Single 3-input NAND gate
1.65 - 5.5
± 32
2.6
-40 to 125
•
74LVC1G11-Q100
Single 3-input AND gate
1.65 - 5.5
± 32
2.6
-40 to 125
•
•
74LVC1G27-Q100
Single 3-input NOR gate
1.65 - 5.5
± 32
2.6
-40 to 125
•
74LVC1G32-Q100
Single 2-input OR gate
1.65 - 5.5
± 32
2.1
-40 to 125
•
•
74LVC1G38-Q100
Single 2-input NAND gate; open-drain
1.65 - 5.5
32
2.3
-40 to 125
•
•
74LVC1G57-Q100
Configurable gate; Schmitt-trigger
1.65 - 5.5
± 32
3.8
-40 to 125
•
•
74LVC1G58-Q100
Configurable gate; Schmitt-trigger
1.65 - 5.5
± 32
3.8
-40 to 125
•
•
74LVC1G86-Q100
Single 2-input EXCLUSIVE-OR gate
1.65 - 5.5
± 32
2.4
-40 to 125
•
•
74LVC1G97-Q100
Configurable gate; Schmitt-trigger
1.65 - 5.5
± 32
6.3
-40 to 125
•
74LVC1G332-Q100
Single 3-input OR gate
1.65 - 5.5
± 32
2.6
-40 to 125
•
•
74LVC1GX04-Q100
Crystal driver
1.65 - 5.5
± 24
2.8
-40 to 125
•
•
74LVC2G00-Q100
Dual 2-input NAND gate
1.65 - 5.5
± 32
2.2
-40 to 125
•
74LVC2G02-Q100
Dual 2-input NOR gate
1.65 - 5.5
± 32
2.4
-40 to 125
•
•
74LVC2G08-Q100
Dual 2-input AND gate
1.65 - 5.5
± 24
2.1
-40 to 125
•
•
•
74LVC2G32-Q100
Dual 2-input OR gate
1.65 - 5.5
± 32
2.2
-40 to 125
•
•
74LVC2G34-Q100
Dual buffer
1.65 - 5.5
± 32
2.2
-40 to 125
•
•
74LVC2G86-Q100
Dual 2-input EXCLUSIVE-OR gate
1.65 - 5.5
± 32
2.3
-40 to 125
•
•
Gates
Latches/Registered drivers
Type number
Description
Features
Package (suffix)
74AUP1G373-Q100
Single D-type transparent latch (3-state)
1.1 - 3.6
±1.9
8.5
-40 to 125
•
Types in
bold represent new products
Nexperia selection guide 2020
132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com