Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 166 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 166 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 162Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 163Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 164Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 165Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 166Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 167Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 168Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 169Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 170Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 234 page
background image
Control analog & logic ICs
Parity generators-checkers
Type number
Description
V
CC (V)
Logic switch-
ing levels
Output drive
capability (mA)
t
pd (ns)
Output Load
C
L (pF)
T
amb (°C)
74HC280
9-bit odd/even parity generator/checker
2.0 - 6.0
CMOS
±5.2
17
50
-40 to 125
74HCT280
9-bit odd/even parity generator/checker;
TTL-enabled
4.5 - 5.5
TTL
±4
18
50
-40 to 125
Digital comparators
Type number
Description
V
CC (V)
Logic switch-
ing levels
Output drive
capability
(mA)
t
pd (ns)
Output Load
C
L (pF)
T
amb (°C)
74HC688
8-bit magnitude comparator
2.0 - 6.0
CMOS
±5.2
17
50
-40 to 125
74HCT688
8-bit magnitude comparator; TTL-enabled
4.5 - 5.5
TTL
±4
17
50
-40 to 125
74HC85
4-bit magnitude comparator
2.0 - 6.0
CMOS
±5.2
23
50
-40 to 125
74HCT85
4-bit magnitude comparator; TTL-enabled
4.5 - 5.5
TTL
±4
26
50
-40 to 125
Nexperia selection guide 2020
166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com