Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 207 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 207 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 203Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 204Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 205Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 206Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 207Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 208Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 209Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 210Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 211Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 234 page
background image
207
Dimensions in mm
DFN2020MD-6 (SOT1220)
DFN2020MD-6 (SOT1220)
Minimized outline drawings and reflow soldering footprint
6-pin SMD packages
TSOP6 (SOT457)
TSOP6 (SOT457)
solder lands
solder resist
occupied area
solder paste
sot457_fr
3.45
1.95
2.825
3.3
0.45
(6´)
0.55
(6´)
0.7
(6´)
0.8
(6´)
2.4
0.95
0.95
Dimensions in mm
Dimensions in mm
7-pin SMD packages
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1358-1
- - -
MO-252
- - -
sot1358-1_po
13-08-21
13-09-12
Unit(1)
mm
max
nom
min
0.5 0.05
0.25 2.20 1.2
0.4
A
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
A1
b
0.127
D
A3
0.05 0.05
1.0
0.1
0.20 2.10 1.1
0.5
0.1 0.05
0.2
0.3
0.00
0.15 2.05 1.0
0.5
0
1
2 mm
scale
X
E
y
y1
k
L
L1
v
w
e
e1
1.5
e2
B
A
D
E
C
y
C
y1
A
A1
A3
e
L1
b
A
C
B
v
C
w
e2
e1
1
4
L
k
terminal 1
index area
terminal 1
index area
5
7
XSON7 (SOT1358-1)
XSON7 (SOT1358-1)
Images are for reference only, for detailed drawings please visit nexperia.com/packages
8-pin SMD packages
XSON8 (SOT833-1)
XSON8 (SOT833-1)
14-09-30
Dimensions in mm
0.5
0.5
0.5
0.35
0.27
2.0
1.9
0.25
0.17
0.6
1.05
0.95
0.40
0.32
0.04
0.5
1
8
2
7
3
6
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com