Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 217 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 217 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 213Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 214Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 215Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 216Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 217Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 218Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 219Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 220Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 221Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 234 page
background image
217
Minimized outline drawings and reflow soldering footprint
Dimensions in mm
Images are for reference only, for detailed drawings please visit nexperia.com/packages
56-pin SMD packages
TSSOP56 (SOT364-1)
TSSOP56 (SOT364-1)
SOT364-1
Footprint information for reflow soldering of TSSOP56 package
sot364-1_fr
Issue date 13-07-02
18-10-09
recommended stencil thickness: 0.1 mm
occupied area
solder paste
solder resist
solder land
0.4
0.28
0.22
0.125
0.56
14.12
14.27
16.6
0.125
6.1 8.9
7.0
9.15
0.5
1.5
1.4
SOT364-1
Footprint information for reflow soldering of TSSOP56 package
sot364-1_fr
Issue date 13-07-02
18-10-09
recommended stencil thickness: 0.1 mm
occupied area
solder paste
solder resist
solder land
0.4
0.28
0.22
0.125
0.56
14.12
14.27
16.6
0.125
6.1 8.9
7.0
9.15
0.5
1.5
1.4
03-02-19
Dimensions in mm
1.2 max
29
56
14.0
28
1
8.1
6.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com