Electronic Components Datasheet Search
  English  ▼

X  

INA2227 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA2227
Description  INA2227 48V, Dual Channel, 16-Bit, Current, Voltage, Power, and Energy Monitor With an I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2227 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA2227 Datasheet HTML 17Page - Texas Instruments INA2227 Datasheet HTML 18Page - Texas Instruments INA2227 Datasheet HTML 19Page - Texas Instruments INA2227 Datasheet HTML 20Page - Texas Instruments INA2227 Datasheet HTML 21Page - Texas Instruments INA2227 Datasheet HTML 22Page - Texas Instruments INA2227 Datasheet HTML 23Page - Texas Instruments INA2227 Datasheet HTML 24Page - Texas Instruments INA2227 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Table 7-4. CONFIG2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
11-8
ACC_RST
R/W
0000b
Writing a one to these bits resets the energy registers and clears any
overflow flags.
Bit11 = reserved.
Bit10 = reserved.
Bit9 = Channel 2 energy reset, overflow clear.
Bit8 = Channel 1 energy reset, overflow clear.
Power up default: 0000b = All channels active
Bits are reset back to 0 after write.
7
CNVR_MASK
R/W
0b
Setting this bit high configures the ALERT pin to be asserted when
conversions are complete.
0b = Disable conversion ready flag on ALERT pin
1b = Enables conversion ready flag on ALERT pin
ALERT remains asserted until the CVRF field in the flags register is
read.
6
ENOF_MASK
R/W
0b
When set to 1, the Alert pin toggles when an energy overflow condition
occurs on any of the enabled channels
5
ALERT_LATCH
R/W
0b
When set to 1 the state of the Alert pin latches during fault conditions. To
clear the alert the alert flags register must be read and the fault condition
removed.
4
ALERT_POL
R/W
0b
When this bit is set to 1, the alert pin toggles from low to high during a
fault condition. When set to 0 (default), the alert pin toggles from high to
low during faults.
3-0
RANGE
R/W
0000b
Enables the selection of the shunt full scale input range for each
channel.
Bit3 = reserved.
Bit2 = reserved.
Bit1 = Channel 2 range selection.
Bit0 = Channel 1 range selection.
range selection bit = 0 selects ±81.92mV
range selection bit = 1 selects ±20.48mV
0000b = all channels set to ±81.92mV range
Return to the Summary Table.
7.1.3 CALIBRATION Registers
The calibration registers shown in Table 7-5 must be programmed to receive valid current, power, and energy
results after initial power up, power cycle events, or on device enable.
Table 7-5. INA2227 Calibration Registers
Address
Register Name
Register Type
Register Size (bits)
0x05
CALIBRATION_CH1
R/W
16
0x0D
CALIBRATION_CH2
R/W
16
This register provides the device with the value of the shunt resistor that are present to create the measured
differential voltage. This register also sets the resolution of the Current Register. Programming this register sets
the Current_LSB and the Power_LSB.
Table 7-6. Calibration Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Reserved
R
0h
www.ti.com
INA2227
SBOSAL5 – JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com