Electronic Components Datasheet Search
  English  ▼

X  

INA2227 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA2227
Description  INA2227 48V, Dual Channel, 16-Bit, Current, Voltage, Power, and Energy Monitor With an I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2227 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA2227 Datasheet HTML 7Page - Texas Instruments INA2227 Datasheet HTML 8Page - Texas Instruments INA2227 Datasheet HTML 9Page - Texas Instruments INA2227 Datasheet HTML 10Page - Texas Instruments INA2227 Datasheet HTML 11Page - Texas Instruments INA2227 Datasheet HTML 12Page - Texas Instruments INA2227 Datasheet HTML 13Page - Texas Instruments INA2227 Datasheet HTML 14Page - Texas Instruments INA2227 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VVS = 3.3V, VCM = 12V, and VSENSE = (VIN+ – VIN–) = 0mV (unless otherwise noted)
Temperature ( C)
-50
-25
0
25
50
75
100
125
150
0
2
4
6
8
10
12
14
Figure 5-20. Quiescent Current - Shutdown vs. Temperature
Temperature (
C)
-50
-25
0
25
50
75
100
125
150
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
Figure 5-21. Quiescent Current - Disabled vs. Temperature
Frequency (kHz)
400
415
430
445
460
475
490
1
10
100
1k
1
10
100
1k
1
10
100
1k
Continuous I2C Write Commands
Idle SDA, Clocking SCL
3k
3k
3k
Figure 5-22. Quiescent Current vs. Clock(SCL) Frequency
Frequency (kHz)
0
15
30
45
60
1
10
100
1k
3k
Figure 5-23. Quiescent Current - Shutdown vs. SCL Frequency
www.ti.com
INA2227
SBOSAL5 – JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com