Electronic Components Datasheet Search
  English  ▼

X  

INA2227 Datasheet(PDF) 32 Page - Texas Instruments

Part # INA2227
Description  INA2227 48V, Dual Channel, 16-Bit, Current, Voltage, Power, and Energy Monitor With an I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2227 Datasheet(HTML) 32 Page - Texas Instruments

Back Button INA2227 Datasheet HTML 28Page - Texas Instruments INA2227 Datasheet HTML 29Page - Texas Instruments INA2227 Datasheet HTML 30Page - Texas Instruments INA2227 Datasheet HTML 31Page - Texas Instruments INA2227 Datasheet HTML 32Page - Texas Instruments INA2227 Datasheet HTML 33Page - Texas Instruments INA2227 Datasheet HTML 34Page - Texas Instruments INA2227 Datasheet HTML 35Page - Texas Instruments INA2227 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
8.2 Typical Application
Ch1 VBUS
Load 1
Load 2
Ch2 VBUS
IN+1
GND
IN-1
IN+2
IN-2
A0
A1
ALERT
SDA
SCL
CBYPASS
0.1 µF
VS
Supply Voltage
(1.7 V to 5.5 V)
INA2227
EN
VBUS1
VBUS2
Figure 8-3. Typical Low-Side Sensing Circuit Configuration, INA2227
8.2.1 Design Requirements
The INA2227 features 2 channels that measure the voltage developed across a current-sensing resistor
(RSHUNT) when current passes through the resistor. The device also measures the bus supply voltage and
calculates power and energy for each channel. The device also comes with alert capability, where the alert pin
can be programmed to respond to a user-defined event or a conversion ready notification.
Table 8-3 lists the design requirements for a single channel of the circuit shown in Figure 8-3.
Table 8-3. Design Parameters for Channel 1
DESIGN PARAMETER
EXAMPLE VALUE
Power-supply voltage (VS)
3.3V
Bus supply rail (VCM)
12V
Average Current
6A
Overcurrent fault threshold
9A
Maximum current monitored (IMAX)
10A
ADC Range Selection (VSENSE_MAX)
±81.92mV
Energy Accumulation Period
1 hour
8.2.2 Detailed Design Procedure
This design example walks through the process of selecting the shunt resistor, programming the calibration
register, setting the correct fault thresholds, and how to properly scale returned values from the device for
channel 1 of the device. The configuration of additional channels is similar with calculated values programmed
into the registers corresponding to the appropriate channel.
8.2.2.1 Select the Shunt Resistor
Using values from Table 8-3, the maximum value of the shunt resistor is calculated based on the value of
the maximum current to be sensed (IMAX) and the maximum allowable sense voltage (VSENSE_MAX) for the
chosen ADC range. When operating at the maximum current, the differential input voltage must not exceed the
maximum full scale range of the device, VSENSE_MAX. Using Equation 6 for the given design parameters, the
maximum value for RSHUNT is calculated to be 8.192mΩ. The closest standard resistor value that is smaller than
the maximum calculated value is 8.0mΩ. Smaller resistors can be used to minimize power loss at the expense
INA2227
SBOSAL5 – JUNE 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com