Electronic Components Datasheet Search
  English  ▼

X  

INA2227 Datasheet(PDF) 34 Page - Texas Instruments

Part # INA2227
Description  INA2227 48V, Dual Channel, 16-Bit, Current, Voltage, Power, and Energy Monitor With an I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2227 Datasheet(HTML) 34 Page - Texas Instruments

Back Button INA2227 Datasheet HTML 30Page - Texas Instruments INA2227 Datasheet HTML 31Page - Texas Instruments INA2227 Datasheet HTML 32Page - Texas Instruments INA2227 Datasheet HTML 33Page - Texas Instruments INA2227 Datasheet HTML 34Page - Texas Instruments INA2227 Datasheet HTML 35Page - Texas Instruments INA2227 Datasheet HTML 36Page - Texas Instruments INA2227 Datasheet HTML 37Page - Texas Instruments INA2227 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Table 8-4. Register Values (continued)
Register
Contents
LSB Value
Calculated Value
Bus_Voltage_CH1 (01h)
7500d (1D4Ch)
1.6mV
7500 × 1.6mV = 12V
Current_CH1 (02h)
12000d (2EE0h)
Current LSB = 500µA
12000 × 500µA = 6A
Power_CH1 (03h)
4500d (1194h)
Current LSB x 32 = 16mW
4500 × 16mW = 72W
Energy_CH1 (04h)
16200000d (00F7
3140h)
Current LSB x 32 = 16mJ
16200000 × 16mJ = 259.2kJ
Shunt Voltage and Current return values in two's complement format. In two's complement format a negative
value in binary is represented by having a 1 in the most significant bit of the returned value. These values can
be converted to decimal by first inverting all the bits and adding 1 to obtain the unsigned binary value. This value
must then be converted to decimal with the negative sign applied.
8.2.3 Application Curves
Figure 8-4 and Figure 8-5 show the ALERT pin response to a BUS over voltage fault with a conversion time
of 140μs for the bus voltage measurements with averaging set to 1. For these scope shots, persistence is
enabled on the ALERT channel to show the variation in the alert response for many sequential fault events. The
alert response time can change depending on the value of the current before fault occurs as well as the how
much the fault condition exceeds the programmed fault threshold. Figure 8-4 shows the response time for an
overcurrent fault when the fault condition greatly exceeds the programmed threshold. While Figure 8-5 shows
the over voltage response time when the fault slightly exceeds the programmed threshold. Variation in the alert
response exists because the external fault event is not synchronized to the internal ADC conversion start. Also
the ADC is constantly sampling to get a result, so the response time for fault events starting from zero are slower
than fault events starting from values near the set fault threshold. In applications where the alert timing is critical,
the worst-case alert response is equal to 2 × (tconv_shunt + tconv_voltage) × number of channels enabled. When
alerting on over power conditions, an additional 60μs needed to allow for background math calculations.
Minimum Delay: 54µs
TIME (50µs / div)
Fault Threshold: 0.2V
Maximum Delay: 193µs
Figure 8-4. Alert Response Time (Sampled Values
Significantly Above Threshold)
Minimum Delay: 136µs
TIME (50µs / div)
Fault Threshold: 1.9V
Maximum Delay: 275µs
Figure 8-5. Alert Response Time (Sampled Values
Slightly Above Threshold)
8.3 Power Supply Recommendations
Figure 8-3 shows that the device input circuitry can accurately measure signals on common-mode voltages
beyond the power-supply voltage, VS. For example, the voltage applied to the VS power supply pin can be 5V,
whereas the bus power-supply voltage being monitored (the common-mode voltage) can be as high as 48V. The
device can also withstand the full -0.3V to 48V range at the input pins, regardless of whether the device has
power applied or not.
INA2227
SBOSAL5 – JUNE 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com