Electronic Components Datasheet Search
  English  ▼

X  

INA2227 Datasheet(PDF) 33 Page - Texas Instruments

Part # INA2227
Description  INA2227 48V, Dual Channel, 16-Bit, Current, Voltage, Power, and Energy Monitor With an I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2227 Datasheet(HTML) 33 Page - Texas Instruments

Back Button INA2227 Datasheet HTML 29Page - Texas Instruments INA2227 Datasheet HTML 30Page - Texas Instruments INA2227 Datasheet HTML 31Page - Texas Instruments INA2227 Datasheet HTML 32Page - Texas Instruments INA2227 Datasheet HTML 33Page - Texas Instruments INA2227 Datasheet HTML 34Page - Texas Instruments INA2227 Datasheet HTML 35Page - Texas Instruments INA2227 Datasheet HTML 36Page - Texas Instruments INA2227 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
of reduced accuracy. The shunt resistor selected must have sufficient wattage to handle the power dissipation at
maximum load at the desired operating temperature.
RSHUNT <
VSENSE_MAX
IMAX
(6)
8.2.2.2 Configure the Device
The first step to program the INA2227 is to properly set the device configuration registers, CONFIG1 and
CONFIG2. On initial power up, the configuration registers are set to the reset values (see Table 7-3 and
Table 7-4). In the default power on state the device is set to measured on the ±81.92mV range with the ADC
continuously converting the shunt and bus voltages for all channels. If the default power up conditions do not
meet the design requirements, these registers need to be set properly after each disable or VS power cycle
event.
8.2.2.3 Program the Shunt Calibration Registers
There are two shunt calibration registers for each channel that need to be correctly programmed after each
power up for the device to properly report any result based on current. The first step to calculate the value
for the calibration register is to calculate the minimum LSB value for the current by using Equation 2. Applying
this equation with the maximum expected current of 10A results in an minimum LSB size of 305.17578μA. The
INA2227 allows selection of the CURRENT_LSB to be up to 8 times larger than the minimum LSB size. For
this example a value of 500μA is used. Applying Equation 1 to the Current_LSB and selected value for the
shunt resistor results in a shunt calibration register setting of 1280d (500h). Failure to set the value of the shunt
calibration registers results in a zero value for any result based on current for that channel. Programming these
registers is not required for reading shunt voltage, bus voltage or setting corresponding alert limits.
8.2.2.4 Set Desired Fault Thresholds
The INA2227 has the ability to assert the alert pin on several different fault conditions as described in
Alert Configuration Registers. The desired fault condition to assert the alert pin needs to be selected by
appropriately programming the ALERT MASK field in the Alert Configuration Register. Fault thresholds are set
by programming the desired trip threshold into the Alert Limit Registers.
For example, channel 1 can be configured to alert on an over current condition by setting the ALERT1 register
CHANNEL field to channel 1(00b) with the ALERT MASK field set to shunt over voltage (001b). The desired
threshold for the over current condition has to be programmed in the Limit1 Register. In this example, the over
current threshold is 9.0A and the value of the current sense resistor is 8.0mΩ, which give a shunt voltage limit of
72mV. Once the shunt voltage limit is known, the value for the shunt over voltage limit register is calculated by
dividing the shunt voltage limit by the shunt voltage LSB size.
For this case, the calculated value of the alert limit register is 72mV / 2.5μV = 28800d (7080h).
Values stored in the LIMIT1 and LIMIT2 registers are set to the default values when the device is disabled or VS
is power cycled.
Fault limits programmed into the LIMIT registers can be applied to a single channel or distributed to each of
the 2 measurement channels. For example, if monitoring of the bus voltage is also required on channel 1, the
CHANNEL field of the ALERT2 register can be also set to channel 1(00b) with the ALERT MASK field set to
monitor over bus conditions (011b). The value for the over voltage fault can be set as desired in the LIMIT2
register.
8.2.2.5 Calculate Returned Values
Parametric values are calculated by multiplying the returned value by the LSB value. Table 8-4 shows the
returned values for this application example, assuming the design requirements shown in Table 8-3.
Table 8-4. Register Values
Register
Contents
LSB Value
Calculated Value
Shunt_Voltage_CH1
(00h)
19200d (4B00h)
2.5µV
19200 × 2.5μV = 0.048V
www.ti.com
INA2227
SBOSAL5 – JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: INA2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com