Electronic Components Datasheet Search
  English  ▼

X  

INA2227 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA2227
Description  INA2227 48V, Dual Channel, 16-Bit, Current, Voltage, Power, and Energy Monitor With an I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2227 Datasheet(HTML) 5 Page - Texas Instruments

  INA2227 Datasheet HTML 1Page - Texas Instruments INA2227 Datasheet HTML 2Page - Texas Instruments INA2227 Datasheet HTML 3Page - Texas Instruments INA2227 Datasheet HTML 4Page - Texas Instruments INA2227 Datasheet HTML 5Page - Texas Instruments INA2227 Datasheet HTML 6Page - Texas Instruments INA2227 Datasheet HTML 7Page - Texas Instruments INA2227 Datasheet HTML 8Page - Texas Instruments INA2227 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5.5 Electrical Characteristics
at TA = 25°C, VS = 3.3V, VSENSE = VIN+ - VIN- = 0mV, VIN- = VBUS = 12V, for all channels (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
CMRR
Common-mode rejection
VCM = –0.3V to 48V, TA = –40°C to 125°C
110
120
dB
Shunt voltage input range
ADCRANGE = 0
–81.9175
81.92
mV
ADCRANGE = 1
–20.4794
20.48
mV
Vos
Shunt offset voltage
VCM = 12 V
±10
±75
µV
dVos/dT
Shunt offset voltage drift
TA = –40°C to 125°C
±0.1
±0.5
µV/°C
Vos_b
IN- bus offset Voltage
±5
±30
mV
dVos_b/dT IN- bus offset voltage drift
TA = –40°C to 125°C
±10
±30
µV/°C
PSRRSH
Power supply rejection ratio
(Current measurements)
VS = 1.7V to 5.5V, TA = –40°C to 125°C
±0.2
±2.5
µV/V
PSRRBUS
Power supply rejection ratio
(Voltage measurements)
VS = 1.7V to 5.5V, TA = –40°C to 125°C
±0.5
±2.5
mV/V
ZIN-
IN- input impedance
Bus Voltage Measurement Mode
1.14
MΩ
IB
Input bias current
IN+, IN-, Current Measurement Mode
0.1
5
nA
DC ACCURACY
RDIFF
Differential Input Impedance
(IN+ to IN-)
VIN+ - VIN- < 82mV
140
kΩ
ADC Resolution
TA = –40°C to 125°C
16
Bits
1 LSB step size
Shunt Voltage, ADCRANGE = 0
2.5
µV
Shunt Voltage, ADCRANGE = 1
625
nV
Bus Voltage
1.6
mV
ADC Conversion-time
(TA = –40°C to 125°C)
CT bit = 000
140
µs
CT bit = 001
204
µs
CT bit = 010
332
µs
CT bit = 011
588
µs
CT bit = 100
1.100
ms
CT bit = 101
2.116
ms
CT bit = 110
4.156
ms
CT bit = 111
8.244
ms
Internal Oscillator Frequency
TA = +25°C
500
kHz
Internal Oscillator Tolerance
TA = +25°C
0.5
%
TA = –40°C to +125°C
1
%
GSERR
Shunt voltage gain error
±0.04
±0.5
%
GS_DRFT
Shunt voltage gain error drift
TA = –40°C to +125°C
50 ppm/°C
GBERR
VIN- voltage gain error
±0.05
±0.5
%
GB_DRFT
VIN- voltage gain error drift
TA = –40°C to +125°C
50 ppm/°C
PTME
Power total measurement error
At full scale voltage and current
±0.04
±1
%
ETME
Energy total measurement error
At full scale voltage and current
±0.3
±1.5
%
INL
Integral Non-Linearity
ADCRANGE = 0, Linear best fit,TA = –40°C to
+125°C
±2
±6
m%
DNL
Differential Non-Linearity
±0.1
LSB
www.ti.com
INA2227
SBOSAL5 – JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com