Electronic Components Datasheet Search
  English  ▼

X  

INA2227 Datasheet(PDF) 35 Page - Texas Instruments

Part # INA2227
Description  INA2227 48V, Dual Channel, 16-Bit, Current, Voltage, Power, and Energy Monitor With an I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2227 Datasheet(HTML) 35 Page - Texas Instruments

Back Button INA2227 Datasheet HTML 31Page - Texas Instruments INA2227 Datasheet HTML 32Page - Texas Instruments INA2227 Datasheet HTML 33Page - Texas Instruments INA2227 Datasheet HTML 34Page - Texas Instruments INA2227 Datasheet HTML 35Page - Texas Instruments INA2227 Datasheet HTML 36Page - Texas Instruments INA2227 Datasheet HTML 37Page - Texas Instruments INA2227 Datasheet HTML 38Page - Texas Instruments INA2227 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
Place the required power-supply bypass capacitors as close as possible to the supply and ground pins of the
device to provide stability. A typical value for this supply bypass capacitor is 0.1µF. Applications with noisy or
high-impedance power supplies can require additional decoupling capacitors to reject power-supply noise.
8.4 Layout
8.4.1 Layout Guidelines
Connect all input pins (IN+X and IN–X) to the sensing resistor using a Kelvin connection or a 4-wire connection
for each channel. These connection techniques verify that only the current-sensing resistor impedance is
detected between the input pins. Poor routing of the current-sensing resistor commonly results in additional
resistance present between the input pins. Given the very low ohmic value of the current-sensing resistor,
any additional high-current carrying impedance causes significant measurement errors. Place the power-supply
bypass capacitor as close as possible to the supply and ground pins.
8.4.2 Layout Example
INA2227 Layout Example DSBGA (High Side)
DNC
VBUS1
IN+1
DNC
IN-2
VBUS2
IN+2
A1
SDA
A0
EN
VIA to Ground
Plane
Load2
Bus Voltage 2:
up to 48V
RSHUNT2
Direction of Postive
Current Flow
RSHUNT1
Direction of Postive
Current Flow
SCL
GND
IN-1
ALERT VS
Control EN externally
or connect to VS
Supply Voltage:
1.7V to 5.5V
I
2C Clock, connect to
pullup resistor to supply
Address Pin connect to
VS, SDA, SCL, or GND
I
2C Data, connect to pullup
resistor to supply
Alert, connect to pullup
resistor to supply
Bus Voltage 1:
up to 48V
Load1
EN and A1 connect to inner or bottom
layer with 6 mil hole size vias
RED traces = Top layer
BLUE traces = Bottom or inner layers
Address Pin connect to
VS, SDA, SCL, or GND
DNC = Do not connect. Leave these
pins floating
www.ti.com
INA2227
SBOSAL5 – JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: INA2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com