Electronic Components Datasheet Search
  English  ▼

X  

INA2227 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA2227
Description  INA2227 48V, Dual Channel, 16-Bit, Current, Voltage, Power, and Energy Monitor With an I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2227 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA2227 Datasheet HTML 2Page - Texas Instruments INA2227 Datasheet HTML 3Page - Texas Instruments INA2227 Datasheet HTML 4Page - Texas Instruments INA2227 Datasheet HTML 5Page - Texas Instruments INA2227 Datasheet HTML 6Page - Texas Instruments INA2227 Datasheet HTML 7Page - Texas Instruments INA2227 Datasheet HTML 8Page - Texas Instruments INA2227 Datasheet HTML 9Page - Texas Instruments INA2227 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
at TA = 25°C, VS = 3.3V, VSENSE = VIN+ - VIN- = 0mV, VIN- = VBUS = 12V, for all channels (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ENABLE
IEN
Input leakage current
0 V ≤ VEN ≤ VS
1
50
nA
VIH
Logic input level, high
VS = 1.7V to 3.6V, TA = –40°C to +125°C
1.1
5.5
V
VIH
Logic input level, high
VS = 3.6V to 5.5V, TA = –40°C to +125°C
1.3
5.5
V
VIL
Logic input level, low
VS = 1.7V to 5.5V, TA = –40°C to +125°C
0
0.4
V
VHYS
Hysteresis
125
mV
POWER SUPPLY
IQ
Quiescent current
400
500
µA
IQ vs temperature, TA = –40°C to +125°C
600
µA
Shutdown
2.5
4
µA
IQ
Quiescent current disabled
VEN = 0V
5
50
nA
VPOR
Power-on reset threshold
VS falling
0.95
V
SMBUS
SMBUS timeout
28
35
ms
Input capacitance
3
pF
DIGITAL INTERFACE
VIH
Logic input level, high
VS = 1.7V to 5.5V, TA = –40°C to +125°C
0.9
5.5
V
VIL
Logic input level, low
VS = 1.7V to 5.5V, TA = –40°C to +125°C
0
0.4
V
VHYS
Hysteresis
130
mV
VOL
Logic output level, low
IOL = 3mA, VS = 1.7V to 5.5V, TA = –40°C to
+125°C
0
0.3
V
Digital leakage input current
0 ≤ VINPUT ≤ VS
±50
nA
INA2227
SBOSAL5 – JUNE 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com