Electronic Components Datasheet Search
  English  ▼

X  

INA2227 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA2227
Description  INA2227 48V, Dual Channel, 16-Bit, Current, Voltage, Power, and Energy Monitor With an I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2227 Datasheet(HTML) 1 Page - Texas Instruments

  INA2227 Datasheet HTML 1Page - Texas Instruments INA2227 Datasheet HTML 2Page - Texas Instruments INA2227 Datasheet HTML 3Page - Texas Instruments INA2227 Datasheet HTML 4Page - Texas Instruments INA2227 Datasheet HTML 5Page - Texas Instruments INA2227 Datasheet HTML 6Page - Texas Instruments INA2227 Datasheet HTML 7Page - Texas Instruments INA2227 Datasheet HTML 8Page - Texas Instruments INA2227 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
INA2227 48V, Dual Channel, 16-Bit, Current, Voltage, Power, and Energy Monitor With
an I2C Interface
1 Features
• High-side or low-side current sensing
• Operates from a 1.7V to 5.5V power supply
• Reports current, voltage, power, and energy
• Programmable full scale range: 20mV / 80mV
• Input common mode range: –0.3V to 48V
• Current monitoring accuracy:
– 16-bit ADC resolution
– 0.5% gain error (maximum)
– 75µV offset (maximum)
• Power monitoring accuracy:
– 1% full scale (maximum)
• Energy monitoring accuracy:
– 1.5% full scale (maximum)
• Low input bias currents: 5nA (maximum)
• Low disable current: 50nA (maximum)
• Configurable averaging options
• Alert limits for over and under current events
• 1.2V compliant I2C, SMBus interface
• 16-pin selectable addresses
• DSBGA-16 Package (1.5mm × 1.5mm)
2 Applications
• Notebook computers
• Security cameras
• Retail automation
• Power management
• Battery cell monitors and balancers
• Rack servers
• eFuse current and power monitoring
Typical Application
Ch1 VBUS
Load 1
Load 2
Ch2 VBUS
IN+1
GND
IN-1
IN+2
IN-2
A0
A1
ALERT
SDA
SCL
CBYPASS
0.1 µF
VS
Supply Voltage
(1.7 V to 5.5 V)
INA2227
EN
VBUS1
VBUS2
3 Description
The INA2227 device is a dual channel 16-bit
digital current monitor with an I2C/SMBus-compatible
interface that is compliant with digital bus voltages
from 1.2V to 5V. The device monitors the voltage
across an external sense resistor and reports values
for shunt voltage, bus voltage, current, power, and
energy for each channel.
The INA2227 features programmable ADC conversion
times and averaging that is common for all channels.
Each channel has a programmable calibration value
with an internal multiplier that enables direct readouts
of current in amperes, power in watts, and energy
in joules. Each channel has a dedicated VBUS
pin to monitor the bus voltage and can alert on
overcurrent and undercurrent conditions, as well as
on overvoltage and undervoltage conditions. High
input impedance while in current measurement mode
allows use of larger current sense resistors needed to
measure small value system currents.
The INA2227 senses current on common-mode
bus voltages that can vary from –0.3V to 48V,
independent of the supply voltage. The device
operates from a single 1.7V to 5.5V supply, drawing
a typical supply current of 400µA in normal operation.
The device can be placed in a low-power standby
mode where the typical operating current is 2.5µA
and can be fully disabled using the enable pin to
achieve an supply current less than 50nA. The device
is specified over the operating temperature range
between –40°C and 125°C and features up to 16
programmable addresses.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
INA2227
YBJ (DSBGA, 16)
1.5mm × 1.5mm
(1)
For all available packages, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
INA2227
SBOSAL5 – JUNE 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA2227

ManufacturerPart #DatasheetDescription
logo
ams AG
INA22 AMSCO-INA22 Datasheet
10Kb / 1P
2-input NAND gate with one inverted input 2x drive strength
logo
Texas Instruments
INA220 TI-INA220 Datasheet
1Mb / 35P
High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA220 TI-INA220 Datasheet
961Kb / 33P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA220 TI1-INA220 Datasheet
1Mb / 39P
High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA220 TI1-INA220 Datasheet
1Mb / 36P
High- or Low-Side, Bidirectional Current and Power Monitor
More results

Similar Description - INA2227

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA234 TI-INA234 Datasheet
1Mb / 33P
INA234 28-V, 12-Bit, Current, Voltage, and Power Monitor with an I2C Interface
INA236 TI-INA236 Datasheet
1Mb / 32P
INA236 48-V, 16-Bit, High-Precision, Current, Voltage, and Power Monitor with an I2C Interface
INA236 TI-INA236_V01 Datasheet
2Mb / 40P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
INA232 TI-INA232 Datasheet
1Mb / 32P
INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
DECEMBER 2022
INA236 TI-INA236_V02 Datasheet
1Mb / 43P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
INA232 TI-INA232_V01 Datasheet
1Mb / 38P
INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
DECEMBER 2022
INA236 TI-INA236_V03 Datasheet
1Mb / 44P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
INA236 TI-INA236_V04 Datasheet
1Mb / 44P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
INA232 TI-INA232_V02 Datasheet
1Mb / 39P
INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
DECEMBER 2022
INA236 TI-INA236_V05 Datasheet
1Mb / 44P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com