Electronic Components Datasheet Search
  English  ▼

X  

INA2227 Datasheet(PDF) 24 Page - Texas Instruments

Part # INA2227
Description  INA2227 48V, Dual Channel, 16-Bit, Current, Voltage, Power, and Energy Monitor With an I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2227 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA2227 Datasheet HTML 20Page - Texas Instruments INA2227 Datasheet HTML 21Page - Texas Instruments INA2227 Datasheet HTML 22Page - Texas Instruments INA2227 Datasheet HTML 23Page - Texas Instruments INA2227 Datasheet HTML 24Page - Texas Instruments INA2227 Datasheet HTML 25Page - Texas Instruments INA2227 Datasheet HTML 26Page - Texas Instruments INA2227 Datasheet HTML 27Page - Texas Instruments INA2227 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Table 7-13. BUS_VOLTAGE Register Field Description
Bit
Field
Type
Reset
Description
15-0
VBUS
R
0000h
Bus voltage output. 2's complement value, however always positive.
Return to the Summary Table.
7.1.8 CURRENT Registers
The current registers store the calculated current value for each of the channels. Current measurements are
stored in an unique register addresses as shown in Table 7-14.
Table 7-14. INA2227 CURRENT Registers
Address
Register Name
Register Type
Register Size (bits)
0x02
CURRENT_CH1
R
16
0x0A
CURRENT_CH2
R
16
The format of each current register is shown in Table 7-15.
If averaging is enabled, this register displays the averaged value. The value of the Current Register is calculated
by multiplying the decimal value in the Shunt Voltage Register with the decimal value of the Calibration Register.
Table 7-15. CURRENT Register Field Description
Bit
Field
Type
Reset
Description
15-0
CURRENT
R
0000h
Calculated current output in Amperes. 2's complement value.
Return to the Summary Table.
7.1.9 POWER Registers
The power registers store the multiplied value of the bus voltage and current for each of the channels. Power
measurements are stored in an unique register addresses as shown in Table 7-16.
Table 7-16. INA2227 POWER Registers
Address
Register Name
Register Type
Register Size (bits)
0x03
POWER_CH1
R
16
0x0B
POWER_CH2
R
16
The format of each power register is shown in Table 7-17.
If averaging is enabled, this register displays the averaged value. The Power Register records power in Watts by
multiplying the decimal values of the Current Register with the decimal value of the Bus Voltage Register. This is
an unsigned result.
Table 7-17. POWER Register Field Description
Bit
Field
Type
Reset
Description
15-0
POWER
R
0000h
This bit returns a calculated value of power in the system.
This is an unsigned result.
Return to the Summary Table.
7.1.10 Energy Registers
The energy registers accumulate data from the power registers and with the internal precision timebase
calculate and store the energy for each of the channels. Energy measurements are stored in an unique register
addresses as shown in Table 7-18.
INA2227
SBOSAL5 – JUNE 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com