Electronic Components Datasheet Search
  English  ▼

X  

INA2227 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA2227
Description  INA2227 48V, Dual Channel, 16-Bit, Current, Voltage, Power, and Energy Monitor With an I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2227 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA2227 Datasheet HTML 9Page - Texas Instruments INA2227 Datasheet HTML 10Page - Texas Instruments INA2227 Datasheet HTML 11Page - Texas Instruments INA2227 Datasheet HTML 12Page - Texas Instruments INA2227 Datasheet HTML 13Page - Texas Instruments INA2227 Datasheet HTML 14Page - Texas Instruments INA2227 Datasheet HTML 15Page - Texas Instruments INA2227 Datasheet HTML 16Page - Texas Instruments INA2227 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
is complete. Fault conditions are compared immediately after conversions or calculations based on the ADC
conversion time and are independent of the number of averages set. Reducing the conversion times result in
faster alert responses but at lower effective resolutions due to noise. Longer conversion times slow the alert
response but are less sensitive to noise. Channels or measurements that are disabled are skipped in the round
robin cycle. The conversion ready flag is set at the end of conversions after the selected number of averages are
met.
Shunt Voltage
Channel 1
Bus Voltage
Current
Power
Energy
Shunt Voltage
Channel 2
Bus Voltage
Current
Power
Energy
Start
Number of
Averages Met?
Yes
No
Yes
No
Continuous
Conversions?
Conversions
complete
Conversion Ready Flag set.
Figure 6-1. Internal Measurement and Calculation Scheme
In Figure 6-1, the Italicized registers are calculated values that do not depend on conversion times and occur in
the background. Registers are updated independently for each channel once number of averages is met. Fault
threshold comparisons are done immediately on a per result basis. Average values do not trigger alerts.
Current is calculated from the shunt voltage measurements and the value entered in the corresponding
calibration register. Power is calculated based on the previous current calculation and the latest bus voltage
measurement. Energy is accumulated by adding the previous power calculation multiplied by the current
timebase interval. If the value loaded into the corresponding calibration register is zero, current, power, and
energy values are reported as zero also. When the averaging is enabled, register values are updated once the
number of averages are met. These calculations are performed in the background and do not add to the overall
conversion time.
6.3.3 Low Bias Current
The INA2227 features very low input bias current which provides several benefits. The low input bias current of
the INA2227 reduces the current consumed by the device in both active and shutdown state. Another benefit of
low bias current is that low bias current allows the use of input filters to reject high-frequency noise before the
signal is converted to digital data. In traditional digital current-sense monitors, the addition of input filters comes
at the cost of reduced accuracy. However, as a result of the low bias current, the reduction in accuracy due to
input filters is minimized. An additional benefit of low bias current is the ability to use a larger shunt resistor to
accurately sense smaller currents. Use of a larger value for the shunt resistor allows the device to accurately
monitor currents in the sub-mA range.
www.ti.com
INA2227
SBOSAL5 – JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com