Electronic Components Datasheet Search
  English  ▼

X  

INA2227 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA2227
Description  INA2227 48V, Dual Channel, 16-Bit, Current, Voltage, Power, and Energy Monitor With an I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2227 Datasheet(HTML) 3 Page - Texas Instruments

  INA2227 Datasheet HTML 1Page - Texas Instruments INA2227 Datasheet HTML 2Page - Texas Instruments INA2227 Datasheet HTML 3Page - Texas Instruments INA2227 Datasheet HTML 4Page - Texas Instruments INA2227 Datasheet HTML 5Page - Texas Instruments INA2227 Datasheet HTML 6Page - Texas Instruments INA2227 Datasheet HTML 7Page - Texas Instruments INA2227 Datasheet HTML 8Page - Texas Instruments INA2227 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
4 Pin Configuration and Functions
IN-1
DNC
VBUS1
IN+1
DNC
IN-2
VBUS2
IN+2
VS
GND
SCL
A1
SDA
EN
A
B
C
D
1
2
3
4
A0
ALERT
Figure 4-1. YBJ Package 16-Bump DSBGA (Top View)
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
YBJ
(DSBGA)
A0
D3
Digital input
Address pin. Connect to GND, SCL, SDA, or VS. Table 6-1 lists the pin settings and corresponding addresses.
A1
C3
Digital input
Address pin. Connect to GND, SCL, SDA, or VS. Table 6-1 lists the pin settings and corresponding addresses.
ALERT
A3
Digital output
Multifunctional alert, open-drain output. This pin alerts to report fault conditions or can be configured to notify
host when a conversion is complete.
DNC
B2, C2
-
Do not connect, leave floating.
EN
B3
Digital input
Enable pin. A logic high level enables the device; a logic low level disables the device.
GND
B4
Ground
Ground for both analog and digital.
IN–1
B1
Analog input
Channel 1 current sensing negative input. For high-side applications, connect to load side of sense resistor. For
low-side applications, connect to ground side of sense resistor.
IN+1
A1
Analog input
Channel 1 current sensing positive input. For high-side applications, connect to bus voltage side of sense
resistor. For low-side applications, connect to load side of sense resistor.
IN–2
C1
Analog input
Channel 2 current sensing negative input. For high-side applications, connect to load side of sense resistor. For
low-side applications, connect to ground side of sense resistor.
IN+2
D1
Analog input
Channel 2 current sensing positive input. For high-side applications, connect to bus voltage side of sense
resistor. For low-side applications, connect to load side of sense resistor.
SCL
C4
Digital input
Serial bus clock line, open-drain input.
SDA
D4
Digital
input/output
Serial bus data line, open-drain input/output.
VBUS1
A2
Analog input
Bus voltage input for channel 1.
VBUS2
D2
Analog input
Bus voltage input for channel 2.
VS
A4
Power Supply
Power supply, 1.7V to 5.5V.
www.ti.com
INA2227
SBOSAL5 – JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com