Electronic Components Datasheet Search
  English  ▼

X  

INA2227 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA2227
Description  INA2227 48V, Dual Channel, 16-Bit, Current, Voltage, Power, and Energy Monitor With an I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2227 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA2227 Datasheet HTML 6Page - Texas Instruments INA2227 Datasheet HTML 7Page - Texas Instruments INA2227 Datasheet HTML 8Page - Texas Instruments INA2227 Datasheet HTML 9Page - Texas Instruments INA2227 Datasheet HTML 10Page - Texas Instruments INA2227 Datasheet HTML 11Page - Texas Instruments INA2227 Datasheet HTML 12Page - Texas Instruments INA2227 Datasheet HTML 13Page - Texas Instruments INA2227 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VVS = 3.3V, VCM = 12V, and VSENSE = (VIN+ – VIN–) = 0mV (unless otherwise noted)
Differential Input Voltage (mV)
-100 -80
-60
-40
-20
0
20
40
60
80
100
-1.5
-1
-0.5
0
0.5
1
1.5
IB+
IB-
Figure 5-14. Input Bias Current vs. Differential Voltage
Common Mode Voltage (V)
0
10
20
30
40
50
-50
0
50
100
150
200
Figure 5-15. Input Bias Current vs. Common-Mode Voltage (IB+,
IB-)
Temperature ( C)
-50
-25
0
25
50
75
100
125
150
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1
2
3
5
10
20
20
Figure 5-16. Input Bias Current vs. Temperature
Temperature (
C)
-50
-25
0
25
50
75
100
125
150
160
240
320
400
480
560
640
Figure 5-17. Quiescent Current vs. Temperature
Supply Voltage (V)
1.7
2.2
2.7
3.2
3.7
4.2
4.7
5.2 5.5
250
300
350
400
450
500
550
600
Figure 5-18. Quiescent Current vs. Supply Voltage
Supply Voltage (V)
1.7
2.2
2.7
3.2
3.7
4.2
4.7
5.2 5.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Figure 5-19. Quiescent Current - Shutdown vs. Supply Voltage
INA2227
SBOSAL5 – JUNE 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com