Electronic Components Datasheet Search
  English  ▼

X  

INA2227 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA2227
Description  INA2227 48V, Dual Channel, 16-Bit, Current, Voltage, Power, and Energy Monitor With an I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2227 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA2227 Datasheet HTML 8Page - Texas Instruments INA2227 Datasheet HTML 9Page - Texas Instruments INA2227 Datasheet HTML 10Page - Texas Instruments INA2227 Datasheet HTML 11Page - Texas Instruments INA2227 Datasheet HTML 12Page - Texas Instruments INA2227 Datasheet HTML 13Page - Texas Instruments INA2227 Datasheet HTML 14Page - Texas Instruments INA2227 Datasheet HTML 15Page - Texas Instruments INA2227 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
6 Detailed Description
6.1 Overview
The INA2227 is a dual channel digital current-sense amplifier with an I2C- and SMBus-compatible interface. The
device reports current, voltage, power, and energy for each of the channels and features programmable out-of-
range limits to issue alerts when selected parameters are outside the normal range of operation. The integrated
analog-to-digital converter (ADC) can be set to different averaging modes and configured for continuous-versus-
triggered operation. Device Registers provides detailed register information for the INA2227.
6.2 Functional Block Diagram
Load 2
Supply1
(-0.3V to 48V)
GND
Load 3
Supply2
(-0.3V to 48V)
IN+1
IN-1
IN+2
IN-2
Power Register
Current Register
I
2C-, SMBus-,
Compatible
Interface
Voltage Register
ADC
A0
A1
SDA
SCL
CBYPASS
0.1µF
Alert Registers
VS
Supply Voltage
(1.7V to 5.5V)
Energy Register
ALERT
EN
MUX
VBUS2
VBUS1
6.3 Feature Description
6.3.1 Integrated Analog-to-Digital Converter (ADC)
The INA2227 integrates a low offset 16-bit delta-sigma (ΔΣ) ADC. This ADC is multiplexed for each channel to
process both the shunt voltage and bus voltage measurements. The shunt voltage measurement is a differential
measurement of the voltage developed when the load current flows through a shunt resistor between the IN+
and IN– pins for each channel. The shunt voltage measurement has a maximum offset voltage of only 75µV and
a maximum gain error of 0.5%. The low offset voltage of the shunt voltage measurement allows for increased
accuracy at light load conditions for a given shunt resistor value. Another advantage of low offset is the ability to
sense a lower voltage drop across the sense resistor accurately, thus allowing for a lower-value shunt resistor.
Lower-value shunt resistors reduce power loss in the current-sense circuit and help improve the power efficiency
of the end application. This device also features independent bus voltage pins that allow power and energy
measurements for both high-side and low-side sensing applications.
There are no special considerations for power-supply sequencing because the bus common-mode at the IN+
and IN- pins and power-supply voltage at the VS pin are independent of each other; therefore, the bus common-
mode voltage can be present with the supply voltage off, and so forth.
6.3.2 Internal Measurement and Calculation Engine
The internal round robin measurement scheme for the INA2227 is shown in Figure 6-1. For each channel the
current, power, and energy registers are calculated from the shunt and bus voltage measurements and are not
directly affected by ADC conversion times. Register values are updated for each channel before preceding to the
next channel. When averaging is enabled, the registers for each channel updates once the number of averages
INA2227
SBOSAL5 – JUNE 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com