Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 15 Page - Texas Instruments

Part # AFE5804
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 15 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 11Page - Texas Instruments AFE5804 Datasheet HTML 12Page - Texas Instruments AFE5804 Datasheet HTML 13Page - Texas Instruments AFE5804 Datasheet HTML 14Page - Texas Instruments AFE5804 Datasheet HTML 15Page - Texas Instruments AFE5804 Datasheet HTML 16Page - Texas Instruments AFE5804 Datasheet HTML 17Page - Texas Instruments AFE5804 Datasheet HTML 18Page - Texas Instruments AFE5804 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
15
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
8.10 Serial Interface Timing Requirements
The table shows typical values at 25°C. MIN and MAX values are across the full temperature range TMIN = –40°C to TMAX =
85°C, AVDD = 1.8 V, LVDD = 1.8 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
fSCLK
SCLK frequency (= 1 / tSCLK)
> DC
15
MHz
tSLOADS
CS to SCLK set-up time
33
ns
tSLOADH
SCLK to CS hold time
33
ns
tDS
SDATA set-up time
33
ns
tDH
SDATA hold time
33
ns
8.11 Reset Timing
The table shows typical values at 25°C. MIN and MAX values are across the full temperature range TMIN = –40°C to TMAX =
85°C (unless otherwise noted). See Figure 1
MIN
TYP
MAX
UNIT
t1
Power-on delay
Delay from power up of AVDD and LVDD to RESET pulse active
1
ms
t2
Reset pulse duration
Pulse duration of active RESET signal
50
ns
t3
Register write delay
Delay from RESET disable to CSZ active
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com