Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 40 Page - Texas Instruments

Part # AFE5804
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 40 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 36Page - Texas Instruments AFE5804 Datasheet HTML 37Page - Texas Instruments AFE5804 Datasheet HTML 38Page - Texas Instruments AFE5804 Datasheet HTML 39Page - Texas Instruments AFE5804 Datasheet HTML 40Page - Texas Instruments AFE5804 Datasheet HTML 41Page - Texas Instruments AFE5804 Datasheet HTML 42Page - Texas Instruments AFE5804 Datasheet HTML 43Page - Texas Instruments AFE5804 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
40
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
(1)
The unused bits in each register (identified as blank table cells) must be programmed as '0'.
(2)
X = Register bit referenced by the corresponding name and description
(3)
Bits marked as '0' should be forced to 0, and bits marked as '1' should be forced to 1 when the particular register is programmed.
(4)
Multiple functions in a register can be programmed in a single write operation.
9.6 Register Maps
Table 6. Summary of Functions Supported by Serial Interface (1)(2)(3)(4)
ADDR.
(HEX)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
DESCRIPTION
00
X
RST
1: Self-clearing software RESET; . After reset, this bit is set to 0
0: Normal operation.
01
X
EN_READOUT
1: READOUT of registers mode;0: Normal operation
X
EN_HIGH_ADDRS
0 – Disable access to register at address 0xF0
1 – Enable access to register at address 0xF0
02
X
EN_SYNC
1:Enable SYNC feature to synchronize the test patterns;
0: Normal operation, SYNC feature is disabled for the test patterns.
Note: this bit needs to be set as 1 when software or hardware SYNC
feature is used. see Reg.0x25[8] and 0x25[15]
0A
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
RAMP_PAT_RESET_VAL
Ramp pattern reset value
0F
X
X
X
X
X
X
X
X
PDN_CH<8:1>
1:Channel-specific ADC power-down mode;
0: Normal operation
X
PDN_PARTIAL
1:Partial power-down mode - fast recovery from power-down;
0: Normal operation
X
PDN_COMPLETE
1:Register mode for complete power-down - slower recovery;
0: Normal operation
X
PDN_PIN_CFG
1:Configures PD pin for partial power-down mode;
0:Configures PD pin for complete power-down mode
14
X
X
X
X
X
X
X
X
LFNS_CH<8:1>
1: Channel-specific low-frequency noise suppression mode enable;
0: LFNS disabled
1C
X
EN_FRAME_PAT
1: Enables output frame clock to be programmed through a pattern;
0: Normal operation on frame clock
X
X
X
X
X
X
X
X
X
X
X
X
X
X
ADCLKOUT<13:0>
14-bit pattern for frame clock on ADCLKP and ADCLKN pins
23
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
PRBS_SEED<15:0>
PRBS pattern starting seed value lower 16 bits
24
X
X
X
X
X
X
X
X
INVERT_CH<8:1>
1: Swaps the polarity of the analog input pins electrically;
0: Normal configuration
X
X
X
X
X
X
X
PRBS_SEED<22:16>
PRBS seed starting value upper 7 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com