Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 8 Page - Texas Instruments

Part # AFE5804
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 4Page - Texas Instruments AFE5804 Datasheet HTML 5Page - Texas Instruments AFE5804 Datasheet HTML 6Page - Texas Instruments AFE5804 Datasheet HTML 7Page - Texas Instruments AFE5804 Datasheet HTML 8Page - Texas Instruments AFE5804 Datasheet HTML 9Page - Texas Instruments AFE5804 Datasheet HTML 10Page - Texas Instruments AFE5804 Datasheet HTML 11Page - Texas Instruments AFE5804 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
8
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Pin Functions (continued)
PIN
DESCRIPTION
NAME
NO.
OUT1A_P, OUT1A_N
13, 14
Differential LVDS data output, wire 1, channel 1
OUT1B_P, OUT1B_N
15, 16
Differential LVDS data output, wire 2, channel 1
OUT2A_P, OUT2A_N
17, 18
Differential LVDS data output, wire 1, channel 2
OUT2B_P, OUT2B_N
19, 20
Differential LVDS data output, wire 2, channel 2
OUT3A_P, OUT3A_N
21, 22
Differential LVDS data output, wire 1, channel 3
OUT3B_P, OUT3B_N
23, 24
Differential LVDS data output, wire 2, channel 3
OUT4A_P, OUT4A_N
25, 26
Differential LVDS data output, wire 1, channel 4
OUT4B_P, OUT4B_N
27, 28
Differential LVDS data output, wire 2, channel 4
OUT5A_P, OUT5A_N
35, 36
Differential LVDS data output, wire 1, channel 5
OUT5B_P, OUT5B_N
33, 34
Differential LVDS data output, wire 2, channel 5
OUT6A_P, OUT6A_N
39, 40
Differential LVDS data output, wire 1, channel 6
OUT6B_P, OUT6B_N
37, 38
Differential LVDS data output, wire 2, channel 6
OUT7A_P, OUT7A_N
43, 44
Differential LVDS data output, wire 1, channel 7
OUT7B_P, OUT7B_N
41, 42
Differential LVDS data output, wire 2, channel 7
OUT8A_P, OUT8A_N
47, 48
Differential LVDS data output, wire 1, channel 8
OUT8B_P, OUT8B_N
45, 46
Differential LVDS data output, wire 2, channel 8
PD
10
Power-down control input. Active High. The pin has an internal 220-kΩ pulldown resistor.
REFB
69
Negative reference input and output. Internal reference mode: Reference bottom voltage (0.45 V) is output
on this pin. A decoupling capacitor is not required on this pin. External reference mode: Reference bottom
voltage (0.45 V) must be externally applied to this pin. Please see External Reference Mode of Operation.
REFT
70
Positive reference input and output. Internal reference mode: Reference top voltage (1.45 V) is output on this
pin. A decoupling capacitor is not required on this pin. External reference mode: Reference top voltage (1.45
V) must be externally applied to this pin. Please see External Reference Mode of Operation.
RESET
51
Active HIGH RESET input. The pin has an internal 220-kΩ pulldown resistor.
SCLK
77
Serial clock input. The pin has an internal 220-kΩ pulldown resistor.
SDATA
76
Serial data input. The pin has an internal 220-kΩ pulldown resistor.
SDOUT
64
Serial data readout. This pin is in the high-impedance state after reset. When the <READOUT> bit is set, the
SDOUT pin becomes active. SDOUT is a CMOS digital output running from the AVDD supply.
CSZ
75
Serial enable chip select – active-low digital input
SYNC
65
Input signal to synchronize channels and chips when used with reduced output data rates. If it is not used,
add a
≤ 10-KΩ pulldown resistor.
LVDD
11, 49
Digital and I/O power supply, 1.8 V
LGND
12, 50
Digital ground
NC
67
No Connection. Must leave floated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com