Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 31 Page - Texas Instruments

Part # AFE5804
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 31 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 27Page - Texas Instruments AFE5804 Datasheet HTML 28Page - Texas Instruments AFE5804 Datasheet HTML 29Page - Texas Instruments AFE5804 Datasheet HTML 30Page - Texas Instruments AFE5804 Datasheet HTML 31Page - Texas Instruments AFE5804 Datasheet HTML 32Page - Texas Instruments AFE5804 Datasheet HTML 33Page - Texas Instruments AFE5804 Datasheet HTML 34Page - Texas Instruments AFE5804 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
CLKP
5 kΩ
VCM
5 kΩ
6 pF
5 Ω
5 Ω
Lpkg
~ 2 nH
Cbond
~ 0.5 pF
Lpkg
~ 2 nH
Cbond
~ 0.5 pF
Resr
~ 200 Ω
Resr
~ 200 Ω
CLKM
Clock buffer
Ceq
Ceq
6 pF
31
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Feature Description (continued)
Ceq is approximately 1 to 3 pF, equivalent input capacitance of clock buffer.
Figure 45. Equivalent Circut of the Input Clock Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com