Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 58 Page - Texas Instruments

Part # AFE5804
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 58 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 54Page - Texas Instruments AFE5804 Datasheet HTML 55Page - Texas Instruments AFE5804 Datasheet HTML 56Page - Texas Instruments AFE5804 Datasheet HTML 57Page - Texas Instruments AFE5804 Datasheet HTML 58Page - Texas Instruments AFE5804 Datasheet HTML 59Page - Texas Instruments AFE5804 Datasheet HTML 60Page - Texas Instruments AFE5804 Datasheet HTML 61Page - Texas Instruments AFE5804 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
twidth >
1clock cycle
ADC Input
Clock
SYNC
: -1 ns<
td
< tCLK/2
tCLK/2
-1ns
tCLK/2
0ns
td
58
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Table 21. Output Data Rates (continued)
DATA_RATE<1>
DATA_RATE<0>
OUTPUT DATA RATE
1
1
1 / 8 of ADC sampling rate
9.6.1.13 Synchronization Pulse
Table 22. Synchronization Pulse
ADDR.
(HEX)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
25
TP_HARD_SYNC
02
EN_SYNC
The SYNC pin synchronizes the data output from channels within the same chip or from channels across chips
when decimation filters are used with reduced output data rate.
When the decimation filters are used (for example, the decimate-by-two filter is enabled), then, effectively, the
device outputs one digital code for every two analog input samples. If the SYNC function is not enabled, then the
filters are not synchronized (even within a chip) which means that one channel is sending out codes
corresponding to input samples N, N + 1 and so on, while another may be sending out code corresponding to N
+ 1, N + 2, and so on.
To achieve synchronization, the SYNC pulse must arrive at all the ADS529x chips at the same time instant (as
shown in the timing diagram of Figure 60
The ADS5294 generates an internal synchronization signal which is used to reset the internal clock dividers used
by the decimation filter.
Using the SYNC signal in this way ensures that all channels will output digital codes corresponding to the same
set of input samples.
SYNC Timings:
Synchronizing the filters using the SYNC pin is enabled by default. No register bits are required to be
written. Even EN_SYNC bit is not required.It is important for register bit TP_HARD_SYNC to be 0 for
this mode to work. As shown by Figure 60, the SYNC rising edge can be positioned anywhere within the
window. The width of the SYNC must be at least one clock cycle.
Figure 60. Synchronization Pulse Timing
Note that the SYNC DOES NOT synchronize the sampling instants of the ADC across chips. All channels within
a single chip sample their analog inputs simultaneously. The input clock needs to be routed to both chips with
identical length to ensure that channels across two chips will sample their analog inputs simultaneously. Taking
this step ensures that the input clocks arrive at both of the chips at the same time. This should be handled in the
board design and routing. The SYNC pin cannot be used to synchronize the sampling instants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com