Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 5 Page - Texas Instruments

Part # AFE5804
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 5 Page - Texas Instruments

  AFE5804 Datasheet HTML 1Page - Texas Instruments AFE5804 Datasheet HTML 2Page - Texas Instruments AFE5804 Datasheet HTML 3Page - Texas Instruments AFE5804 Datasheet HTML 4Page - Texas Instruments AFE5804 Datasheet HTML 5Page - Texas Instruments AFE5804 Datasheet HTML 6Page - Texas Instruments AFE5804 Datasheet HTML 7Page - Texas Instruments AFE5804 Datasheet HTML 8Page - Texas Instruments AFE5804 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
5
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
5 Description (continued)
Serial LVDS outputs reduce the number of interface lines and enable the highest system integration. The digital
data from each channel ADC is output over one or two wires of LVDS output lines depending on the ADC
sampling rate. This 2-wire interface maintains a low serial-data rate, allowing low-cost FPGA-based receivers to
be used even at a high sample rate. The ADC resolution is programmed to 12-bit or 14-bit through registers. A
unique feature is the programmable-mapping module that allows flexible mapping between the input channels
and the LVDS output pins. This module greatly reduces the complexity of LVDS-output routing, and by reducing
the number of PCB layers, potentially results in cheaper system boards.
The device integrates an internal reference trimmed to accurately match across devices. Internal reference mode
achieves the best performance. External references can also drive the device.
The device is available in a 12-mm × 12-mm 80-pin QFP package. The device is specified over a –40°C to 85°C
operating temperature range. ADS5294 is completely pin-to-pin and register compatible to ADS5292.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com