Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 1 Page - Texas Instruments

Part # AFE5804
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 1 Page - Texas Instruments

  AFE5804 Datasheet HTML 1Page - Texas Instruments AFE5804 Datasheet HTML 2Page - Texas Instruments AFE5804 Datasheet HTML 3Page - Texas Instruments AFE5804 Datasheet HTML 4Page - Texas Instruments AFE5804 Datasheet HTML 5Page - Texas Instruments AFE5804 Datasheet HTML 6Page - Texas Instruments AFE5804 Datasheet HTML 7Page - Texas Instruments AFE5804 Datasheet HTML 8Page - Texas Instruments AFE5804 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
CLOCKGEN
PLL
LCLKP
LCLKN
ACLKP
ACLKN
REFERENCE
CONTROL
INTERFACE
CLKP
CLKN
ADS5294
14 bit
ADAC
14 BIT ADC
DIGITAL PROCESSING
BLOCK
SAMPLING
CIRCUIT
SERIALIZER
INxP
INxN
OUTxA_P
OUTxA_N
OUTxB_P
OUTxB_N
SYNC
1 of 8 Channels
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
1
1 Features
1
Maximum Sample Rate: 80 MSPS/14-Bit
High Signal-to-Noise Ratio
75.5-dBFS SNR at 5 MHz / 80 MSPS
78.2-dBFS SNR at 5 MHz / 80 MSPS and
Decimation Filter Enabled
84-dBc SFDR at 5 MHz / 80 MSPS
Low Power Consumption
58 mW/CH at 50 MSPS
77 mW/CH at 80 MSPS (2-LVDS Wire Per
Channel)
Digital Processing Block
Programmable FIR Decimation Filter and
Oversampling to Minimize Harmonic
Interference
Programmable IIR High-Pass Filter to Minimize
DC Offset
Programmable Digital Gain: 0 dB to 12 dB
2-Channel or 4-Channel Averaging
Flexible Serialized LVDS Outputs:
One or Two Wires of LVDS Output Lines Per
Channel Depending on ADC Sampling Rate
Programmable Mapping Between ADC Input
Channels and LVDS Output Pins-Eases Board
Design
Variety of Test Patterns to Verify Data Capture
by FPGA/Receiver
Internal and External References
1.8-V Operation for Low Power Consumption
Low-Frequency Noise Suppression
Recovery From 6-dB Overload Within 1 Clock
Cycle
Package: 12-mm × 12-mm 80-Pin QFP
2 Applications
Ultrasound and Sonar Imaging
Communication Applications
Multi-channel Data Acquisition
3 Description
The ADS5294 is a low-power 80-MSPS 8-Channel
ADC that uses CMOS process technology and
innovative
circuit
techniques.
Low
power
consumption, high SNR, low SFDR, and consistent
overload
recovery
allow
users
to
design
high-
performance systems.
The
digital
processing
block
of
the
ADS5294
integrates several commonly used digital functions for
improving system performance. The device includes
a digital filter module that has built-in decimation
filters
(with
lowpass,
highpass
and
bandpass
characteristics).
The
decimation
rate
is
also
programmable (by 2, by 4, or by 8). This rate is useful
for narrow-band applications, where the filters are
used to conveniently improve SNR and knock-off
harmonics, while at the same time reducing the
output data rate. The device includes an averaging
mode where two channels (or even four channels)
are averaged to improve SNR.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADS5294
HTQFP (80)
12.00 mm × 12.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Block Diagram


Similar Part No. - AFE5804

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5804 TI-AFE5804 Datasheet
889Kb / 60P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
AFE5804 TI-AFE5804 Datasheet
937Kb / 61P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
AFE5804 TI1-AFE5804 Datasheet
693Kb / 63P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
AFE5804 TI2-AFE5804 Datasheet
458Kb / 6P
AFE5816 16-Channel Ultrasound AFE With 90mW/Channel Power, 1nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC and Passive CW Mixer
MARCH 2024
AFE5804 TI2-AFE5804 Datasheet
462Kb / 6P
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140mW/Channel Power, 0.75nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC, and Passive CW Mixer
MARCH 2024
More results

Similar Description - AFE5804

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5263_1110 TI1-ADS5263_1110 Datasheet
1Mb / 75P
Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5292 TI1-ADS5292 Datasheet
2Mb / 67P
Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
ADS5294 TI1-ADS5294 Datasheet
2Mb / 67P
Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
ADS5294IPFP TI1-ADS5294IPFP Datasheet
2Mb / 67P
Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
ADS4449 TI-ADS4449 Datasheet
1Mb / 54P
Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS5263 TI-ADS5263_13 Datasheet
1Mb / 82P
Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS4449 TI1-ADS4449 Datasheet
2Mb / 56P
Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS5263 TI1-ADS5263_15 Datasheet
2Mb / 84P
Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5294 TI1-ADS5294_15 Datasheet
2Mb / 81P
Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
ADS5292 TI1-ADS5292_13 Datasheet
2Mb / 67P
Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com