Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 61 Page - Texas Instruments

Part # AFE5804
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 61 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 57Page - Texas Instruments AFE5804 Datasheet HTML 58Page - Texas Instruments AFE5804 Datasheet HTML 59Page - Texas Instruments AFE5804 Datasheet HTML 60Page - Texas Instruments AFE5804 Datasheet HTML 61Page - Texas Instruments AFE5804 Datasheet HTML 62Page - Texas Instruments AFE5804 Datasheet HTML 63Page - Texas Instruments AFE5804 Datasheet HTML 64Page - Texas Instruments AFE5804 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
(a) 1-wire mode
(b) 2-wire mode
Channel 5 LSB Byte data<7:0>
MAP_CH5678_to_OUTn<3:0> = 0110
OUTn
MAP_CH5678_to_OUTn<3:0> = 1xxx, the
unused OUTn LVDS buffer is powered down.
n = 5A, 5B, 6A, 6B, 7A, 7B, 7A, 7B
Channel 4 data
MAP_CH1234_to_OUTn<3:0> = 0110
Channel 3 data
MAP_CH1234_to_OUTn<3:0> = 0100
Channel 2 data
MAP_CH1234_to_OUTn<3:0> = 0010
Channel 1 data
MAP_CH1234_to_OUTn<3:0> = 0000
OUTn
MAP_CH1234_to_OUTn<3:0> = 1xxx, the
unused OUTn LVDS buffer is powered down.
Channel 8 data
MAP_CH5678_to_OUTn<3:0> = 0000
Channel 7 data
MAP_CH5678_to_OUTn<3:0> = 0010
Channel 6 data
MAP_CH5678_to_OUTn<3:0> = 0100
Channel 5 data
MAP_CH5678_to_OUTn<3:0> = 0110
OUTn
MAP_CH5678_to_OUTn<3:0> = 1xxx, the
unused OUTn LVDS buffer is powered down.
n = 5A, 5B, 6A, 6B, 7A, 7B, 8A, 8B
Channel 8 LSB Byte data<7:0>
MAP_CH5678_to_OUTn<3:0> = 0000
Channel 5 MSB Byte data<15:8>
MAP_CH5678_to_OUTn<3:0> = 0011
Channel 8 MSB Byte data<15:8>
MAP_CH5678_to_OUTn<3:0> = 0001
Channel 7 LSB Byte data<7:0>
MAP_CH5678_to_OUTn<3:0> = 0010
Channel 7 MSB Byte data<15:8>
MAP_CH5678_to_OUTn<3:0> = 0011
Channel 6 LSB Byte data<7:0>
MAP_CH5678_to_OUTn<3:0> = 0100
Channel 6 MSB Byte data<15:8>
MAP_CH5678_to_OUTn<3:0> = 0101
Channel 4 LSB Byte data<7:0>
MAP_CH1234_to_OUTn<3:0> = 0110
OUTn
MAP_CH1234_to_OUTn<3:0> = 1xxx, the
unused OUTn LVDS buffer is powered down.
n = 1A, 1B, 2A, 2B, 3A, 3B, 4A, 4B
Channel 1 LSB Byte data<7:0>
MAP_CH1234_to_OUTn<3:0> = 0000
Channel 4 MSB Byte data<15:8>
MAP_CH1234_to_OUTn<3:0> = 0011
Channel 1 MSB Byte data<15:8>
MAP_CH1234_to_OUTn<3:0> = 0001
Channel 2 LSB Byte data<7:0>
MAP_CH1234_to_OUTn<3:0> = 0010
Channel 2 MSB Byte data<15:8>
MAP_CH1234_to_OUTn<3:0> = 0011
Channel 3 LSB Byte data<7:0>
MAP_CH1234_to_OUTn<3:0> = 0100
Channel 3 MSB Byte data<15:8>
MAP_CH1234_to_OUTn<3:0> = 0101
61
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Figure 61. Input and Output Channel Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com