Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 17 Page - Texas Instruments

Part # AFE5804
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 13Page - Texas Instruments AFE5804 Datasheet HTML 14Page - Texas Instruments AFE5804 Datasheet HTML 15Page - Texas Instruments AFE5804 Datasheet HTML 16Page - Texas Instruments AFE5804 Datasheet HTML 17Page - Texas Instruments AFE5804 Datasheet HTML 18Page - Texas Instruments AFE5804 Datasheet HTML 19Page - Texas Instruments AFE5804 Datasheet HTML 20Page - Texas Instruments AFE5804 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
GND
Logic 0
OUTP
OUTM
GND
Logic 0
V
= -350 mV*
ODL
Logic 0
V
= +350 mV*
ODH
VOCM
*With external 100-
termination
W
POWER SUPPLY
AVDD, LVDD
RESET
SEN
t
1
t
2
t
3
17
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
(1)
A high-going pulse on RESET pin is required in serial interface mode in case of initialization through hardware reset.
Tie RESET permanently HIGH for parallel interface operation.
(2)
SEN refers to the CSZ pin.
Figure 1. Reset Timing Diagram
Figure 2. LVDS Output Voltage Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com