Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 60 Page - Texas Instruments

Part # AFE5804
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 60 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 56Page - Texas Instruments AFE5804 Datasheet HTML 57Page - Texas Instruments AFE5804 Datasheet HTML 58Page - Texas Instruments AFE5804 Datasheet HTML 59Page - Texas Instruments AFE5804 Datasheet HTML 60Page - Texas Instruments AFE5804 Datasheet HTML 61Page - Texas Instruments AFE5804 Datasheet HTML 62Page - Texas Instruments AFE5804 Datasheet HTML 63Page - Texas Instruments AFE5804 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
60
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
By default, the ADC output is in straight-offset binary mode. Programming the BTC_MODE bit to '1' inverts the
MSB, and the output becomes Binary 2s-complement mode. Also by default, the first bit of the frame (following
the rising edge of CLKP) is the LSB of the ADC output. Programming the MSB_FIRST mode inverts the bit order
in the word, and the MSB is output as the first bit following CLKP rising edge.
9.6.1.16 Programmable Mapping Between Input Channels and Output Pins
Table 25. Mapping Between Input Channels and Output Pins
ADDR.
(HEX)
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
50
1
X
X
X
X
MAP_CH1234_TO_OUT1A
1
X
X
X
X
MAP_CH1234_TO_OUT1B
1
X
X
X
X
MAP_CH1234_TO_OUT2A
51
1
X
X
X
X
MAP_CH1234_TO_OUT2B
1
X
X
X
X
MAP_CH1234_TO_OUT3A
1
X
X
X
X
MAP_CH1234_TO_OUT3B
52
1
X
X
X
X
MAP_CH1234_TO_OUT4A
1
X
X
X
X
MAP_CH1234_TO_OUT4B
53
1
X
X
X
X
MAP_CH5678_TO_OUT5B
1
X
X
X
X
MAP_CH5678_TO_OUT5A
1
X
X
X
X
MAP_CH5678_TO_OUT6B
54
1
X
X
X
X
MAP_CH5678_TO_OUT6A
1
X
X
X
X
MAP_CH5678_TO_OUT7B
1
X
X
X
X
MAP_CH5678_TO_OUT7A
55
1
X
X
X
X
MAP_CH5678_TO_OUT8B
1
X
X
X
X
MAP_CH5678_TO_OUT8A
The ADS5294 has 16 pairs of LVDS channel outputs. The mapping of ADC channels to LVDS output channels is
programmable to allow for flexibility in board layout. The 16 LVDS channel outputs are split into two groups of
eight LVDS pairs. Within each group four ADC input channels are multiplexed into the eight LVDS pairs
depending on the modes of operation whether it is in 1-wire mode or 2-wire mode.
Input channels 1 to 4 map to any of the LVDS outputs OUT1A or OUT1B to OUT4A or OUT4B (using the
MAP_CH1234_TO_OUTnA or OUTnB). Similarly, input channels 5 to 8 can be mapped to any of the LVDS
outputs OUT5A or OUT5B to OUT8A or OUT8B (using the MAP_CH5678_TO_OUTnA or OUTnB). The block
diagram of the mapping is listed in Figure 61.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com