Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 10 Page - Texas Instruments

Part # AFE5804
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 6Page - Texas Instruments AFE5804 Datasheet HTML 7Page - Texas Instruments AFE5804 Datasheet HTML 8Page - Texas Instruments AFE5804 Datasheet HTML 9Page - Texas Instruments AFE5804 Datasheet HTML 10Page - Texas Instruments AFE5804 Datasheet HTML 11Page - Texas Instruments AFE5804 Datasheet HTML 12Page - Texas Instruments AFE5804 Datasheet HTML 13Page - Texas Instruments AFE5804 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
10
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
(1)
See the Large and Small Signal Input Bandwidth section.
8.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
1.7
1.8
1.9
V
LVDD
Digital supply voltage
1.7
1.8
1.9
V
ANALOG INPUTS/OUTPUTS
Differential input voltage range
2
VPP
Input common-mode voltage
0.95 ± 0.05
V
REFT
External reference mode
1.45
V
REFB
External reference mode
0.45
V
VCM
Common-mode voltage output
0.95
V
External Reference mode Input
1.5
V
Maximum Input Frequency (1)
2 VPP amplitude
80
MHz
CLOCK INPUTS
ADC Clock input sample rate
10
80
MSPS
Input Clock amplitude differential
(V(CLKP) – V(CLKN)) peak-to-peak
Sine wave, AC-coupled
0.2
1.5
VPP
LVPECL, AC-coupled
0.2
1.6
LVDS, AC-coupled
0.2
0.7
VIL
Input Clock CMOS single-ended (V(CLKP))
<0.3
V
VIH
>1.5
V
Input clock duty cycle
35%
50%
65%
DIGITAL OUTPUTS
ACLKP and ACLKN outputs (LVDS), 1-wire interface
1x (sample rate)
MSPS
LCLKP and LCLKN outputs (LVDS), 1-wire interface
7x (sample rate)
MSPS
ACLKP and ACLKN outputs (LVDS), 2-wire interface
0.5x (sample rate)
MSPS
LCLKP and LCLKN outputs (LVDS), 2-wire interface
3.5x (sample rate)
MSPS
Maximum data rate, 2-wire interface
560
Mbps
Maximum data rate, 1-wire interface
700
Mbps
CLOAD Maximum external capacitance from each output pin to LGND
5
pF
RLOAD Differential load resistance between the LVDS output pairs
100
Ω
TA
Operating free-air temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
8.4 Thermal Information
THERMAL METRIC(1)
ADS5294
UNIT
PFP (HTQFP)
80 PINS
RθJA
Junction-to-ambient thermal resistance
30.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
6.3
°C/W
RθJB
Junction-to-board thermal resistance
8.3
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
8.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.3
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com