Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 30 Page - Texas Instruments

Part # AFE5804
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 26Page - Texas Instruments AFE5804 Datasheet HTML 27Page - Texas Instruments AFE5804 Datasheet HTML 28Page - Texas Instruments AFE5804 Datasheet HTML 29Page - Texas Instruments AFE5804 Datasheet HTML 30Page - Texas Instruments AFE5804 Datasheet HTML 31Page - Texas Instruments AFE5804 Datasheet HTML 32Page - Texas Instruments AFE5804 Datasheet HTML 33Page - Texas Instruments AFE5804 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
30
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
9.3 Feature Description
9.3.1 Analog Input
The analog inputs consist of a switched-capacitor-based differential sample and hold architecture. This
differential topology results in good AC performance even for high input frequencies at high sampling rates. The
INP and INM pins are internally biased around a common-mode voltage of Vcm (0.95 V). For a full-scale
differential input, each input pin (INP and INM) must swing symmetrically between Vcm + 0.5 V and Vcm – 0.5 V,
resulting in a 2 VPP differential input swing. Figure 44 shows the equivalent circuit of the input sampling circuit.
(1)
SZ MOSFETs' open ends connect to common mode potential, while they don't impact the inputs' loading. Users may
treat the open ends as high impedance nodes.
Figure 44. Analog Input Circuit Model
9.3.2 Input Clock
Figure 45 shows the clock equivalent circuit of the ADS5294. The ADS5294 is configured by default to operate
with a single-ended input clock. CLKP is driven by a CMOS clock and CLKM is tied to GND. The device
automatically detects a single-ended or differential clock. If CLKM is grounded, the device treats clock as a
single-ended clock. Operating with a low-jitter differential clock usually gives better SNR performance, especially
at input frequencies greater than 30 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com